Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9957 Datasheet HTML 42Page - Analog Devices AD9957 Datasheet HTML 43Page - Analog Devices AD9957 Datasheet HTML 44Page - Analog Devices AD9957 Datasheet HTML 45Page - Analog Devices AD9957 Datasheet HTML 46Page - Analog Devices AD9957 Datasheet HTML 47Page - Analog Devices AD9957 Datasheet HTML 48Page - Analog Devices AD9957 Datasheet HTML 49Page - Analog Devices AD9957 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 45 of 61
I/Q PATH LATENCY
The I/Q latency through the AD9957 is easiest to describe in
terms of system clock (SYSCLK) cycles and is a function of the
AD9957 configuration (that is, which mode and which optional
features are engaged). The I/Q latency is primarily affected by
the programmable CCI rate.
The values in Table 12 should be considered estimates because
observed latency may be data dependent. The latency was
calculated using the linear delay model for FIR filters. N = CCI
rate (programmable interpolation rate, 2 to 63, 1 if bypassed).
In BFI mode, the latency through the AD9957 may not be con-
stant for multiple transmissions. This is due to the relationship
between the phase of the clock that drives the first half-band
filter and the frame sync signal coming from the Blackfin,
which is unknown and denoted as x in Table 12. The design
successfully transfers data from the data assembler logic to the
signal process path by updating a parallel register at the proper
time. The data is transferred from the parallel register to the
signal processing chain and all timing has been verified regard-
less of the phase relationship between the updating of the parallel
register and the signal processing clock.
Example
Quadrature modulation mode = 18-bit parallel data
Reference clock multiplier = bypassed
Input scale multiplier = off
Inverse CCI = off
CCI rate = 20
Inverse SINC = on
Output scale = off
Latency = (16 × 20) + (4 × 20) + (4 × 20) + (69 × 20) +
(4 × 20 + 8) + 22 + 8 + 2 + 8 = 1988 SYSCLKs
Table 12.
Stage
Quadrature Modulation Mode—Parallel
Quadrature Modulation Mode—BFI
Interpolation DAC Mode
Input Demuxplexer
16N
(16 + x)N
28N
where x = 0 to 15
Input Scale Multiplier
Active: 8N
Not available in BFI mode
Active: 8N
Bypassed: 4N
Bypassed: 4N
Inverse CCI Filter
Active: 8N
Active: 8N
Active: 8N
Bypassed: 4N
Bypassed: 4N
Bypassed: 4N
Half-Band Filters
69N
345N
69N
CCI Filter
Active: 4N + 8
Active: 4N + 8
Active: 4N + 8
Bypass: 2N + 4
Bypass: 2N + 4
Bypass: 2N + 4
Modulator
22
22
0
Inverse Sinc Filter
Active: 8
Active: 8
Active: 8
Bypass: 2
Bypass: 2
Bypass: 2
Output Scale Multiplier
Active: 12
Active: 12
Active: 12
Bypass: 2
Bypass: 2
Bypass: 2
DAC Interface
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com