Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9957 Datasheet HTML 45Page - Analog Devices AD9957 Datasheet HTML 46Page - Analog Devices AD9957 Datasheet HTML 47Page - Analog Devices AD9957 Datasheet HTML 48Page - Analog Devices AD9957 Datasheet HTML 49Page - Analog Devices AD9957 Datasheet HTML 50Page - Analog Devices AD9957 Datasheet HTML 51Page - Analog Devices AD9957 Datasheet HTML 52Page - Analog Devices AD9957 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
AD9957
Data Sheet
Rev. E | Page 48 of 61
SDO—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. In the case where the
AD9957 operates in a single bidirectional I/O mode, this pin
does not output data and is set to a high impedance state.
I/O_RESET—Input/Output Reset
I/O_RESET synchronizes the I/O port state machines without
affecting the addressable registers contents. An active high
input on the I/O_RESET pin causes the current communication
cycle to abort. After I/O_RESET returns low (Logic 0), another
communication cycle can begin, starting with the instruction
byte write.
I/O_UPDATE—Input/Output Update
The I/O_UPDATE initiates the transfer of written data from
the I/O port buffer to active registers. I/O_UPDATE is active
on the rising edge and its pulse width must be greater than one
SYNC_CLK period. It is either an input or output pin depending
on the programming of the Internal I/O Update Active bit.
SERIAL I/O TIMING DIAGRAMS
Figure 60 through Figure 63 provide basic examples of the tim-
ing relationships between the various control signals of the serial
I/O port. Most of the bits in the register map are not transferred
to their internal destinations until assertion of an I/O update,
which is not included in the timing diagrams that follow.
MSB/LSB TRANSFERS
The AD9957 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by Bit 0 in Control Function Register 1
(0x00). The default format is MSB first. If LSB first is active, all data,
including the instruction byte, must follow LSB-first convention.
Note that the highest number found in the bit range column for
each register is the MSB and the lowest number is the LSB for
that register (see the Register Map and Bit Descriptions section
and Table 13).
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 60. Serial Port Write Timing—Clock Stall Low
DO7
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
DON'T CARE
I7
I6
I5
I4
I3
I2
I1
I0
SDIO
SCLK
CS
SDO
DO6 DO5 DO4 DO3 DO2 DO1
DO0
Figure 61. 3-Wire Serial Port Read Timing—Clock Stall Low
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 62. Serial Port Write Timing—Clock Stall High
I7
SDIO
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
CS
I6
I5
I4
I3
I2
I1
I0
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
Figure 63. 2-Wire Serial Port Read Timing—Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com