Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9957 Datasheet HTML 39Page - Analog Devices AD9957 Datasheet HTML 40Page - Analog Devices AD9957 Datasheet HTML 41Page - Analog Devices AD9957 Datasheet HTML 42Page - Analog Devices AD9957 Datasheet HTML 43Page - Analog Devices AD9957 Datasheet HTML 44Page - Analog Devices AD9957 Datasheet HTML 45Page - Analog Devices AD9957 Datasheet HTML 46Page - Analog Devices AD9957 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
AD9957
Data Sheet
Rev. E | Page 42 of 61
LVDS
RECEIVER
PROGAMMABLE
DELAY
5
INTERNAL
CLOCKS
CLOCK
STATE
6
SYNC STATE
PRESET VALUE
SYNC PULSE
SYSCLK
SETUP AND HOLD
VALIDATION
4
Q0
LOAD
QN
DELAYED SYNC-IN SIGNAL
SYNC
RECEIVER
DELAY
SYNC
RECEIVER
ENABLE
SYNC_SMP_ERR
SYNC_IN+
SYNC_IN–
7
8
12
RISING EDGE
DETECTOR
AND
STROBE
GENERATOR
SYNC
TIMING
VALIDATION
DISABLE
SYNC
VALIDATION
DELAY
CLOCK
GENERATOR
P
R
E
S
E
T
.
.
.
.
.
.
Figure 57. Sync Receiver
When a device other than another AD9957 provides the
SYNC_IN signal it must be LVDS compatible. Furthermore,
although SYNC_IN is typically considered to be a periodic
clock signal, it is not an absolute requirement. It is feasible to
drive the SYNC_IN pins with a single synchronization pulse as
long as its edge transition meets the setup/hold timing required
for the internally generated sync pulse (as detailed later in this
section). However, using a periodic SYNC_IN signal has the
distinct advantage that should any of the devices arbitrarily lose
synchronization it automatically resynchronizes with the arrival
of the next SYNC_IN edge.
The 5-bit sync receiver delay word in the multichip sync register
delays the SYNC_IN signal in steps of ~75 ps. This provides the
ability to time align the arrival of the SYNC_IN signal to
multiple devices by compensating for unequal propagation times.
The edge detection logic in the sync receiver generates a
synchronization pulse (sync pulse) having a duration of one
SYSCLK cycle with a repetition rate equal to that of the signal
applied to the SYNC_IN pins. To produce the sync pulse, the
strobe generator samples the delayed rising edge of the SYNC_IN
signal with the rising edge of the local SYSCLK. The generation
of this sync pulse is crucial to the operation of the synchroniza-
tion mechanism, because it performs the task of placing the
clock generator into a known state. The sync pulse presets the
R-divider stage of the internal clock generator, which behaves as
a presettable downcounter (see Figure 55). The programmable
6-bit sync state preset value word in the multichip sync register
establishes the preset state. The preset state is only active for a
single SYSCLK period, after which the clock generator is free to
cycle through its state sequence until the next sync pulse arrives
(see Figure 55). In addition to presetting the R-divider, the sync
pulse also synchronously presets the other dividers to a proper
state in order to preserve the cadence of the clock tree.
The ability to program the clock state preset value provides the
flexibility to synchronize devices, but with specific relative clock
state offsets by assigning a different sync state preset value word
to each device in a group. This flexibility is limited, however,
because the sync state preset value must adhere to certain
bounds to satisfy internal timing requirements. Regardless of
the programmed sync state preset value, the preset value is
internally constrained to the range, 2 to R, where R is the CCI
filter interpolation factor. A programmed value of 0 or 1 is forced
to 2, whereas a programmed value greater than R is forced to R.
SETUP/HOLD VALIDATION
Synchronization of the AD9957 internal clock generator with
other external devices relies on the ability of the sync receiver’s
edge detection circuit to generate a valid sync pulse. This
requires proper sampling of the rising edge of the delayed
SYNC_IN signal with the rising edge of the local SYSCLK. If the
edge timing of these signals fails to meet the setup or hold time
requirements of the internal latches in the edge detection
circuitry, the proper generation of a sync pulse is in jeopardy.
The setup-and-hold validation block (see Figure 58) gives the
user a means to validate that proper edge timing exists between
the two signals. The Sync Timing Validation Disable bit in
Control Function Register 2 controls whether or not the setup-
and-hold validation block is active.
The validation block makes use of a specified time window
(programmable in increments of ~75 ps via the 4-bit sync
validation delay word in the multichip sync register). The setup
validation and hold validation circuits use latches identical to
those in both the rising edge detector and strobe generator. The
programmable time window skews the timing between the local
SYSCLK signal and the delayed sync-in signal. If the hold valida-
tion and setup validation circuits fail to produce the same logic
states, it is an indication of a possible setup or hold violation.
The check logic of Figure 58 monitors the state of the setup and
hold validation latches. If they are not equal (that is, a potential
setup/hold violation exists), a Logic 1 is stored in an internal
validation result latch; otherwise, a Logic 0 is stored. The state
of validation result latch appears at the SYNC_SMP_ERR pin.
The validation result latch is in a reset state whenever the sync
receiver is disabled, which forces the SYNC_SMP_ERR pin to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com