Electronic Components Datasheet Search
  English  ▼

X  

AD9957 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9957 Datasheet HTML 12Page - Analog Devices AD9957 Datasheet HTML 13Page - Analog Devices AD9957 Datasheet HTML 14Page - Analog Devices AD9957 Datasheet HTML 15Page - Analog Devices AD9957 Datasheet HTML 16Page - Analog Devices AD9957 Datasheet HTML 17Page - Analog Devices AD9957 Datasheet HTML 18Page - Analog Devices AD9957 Datasheet HTML 19Page - Analog Devices AD9957 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 15 of 61
1200
200
400
600
800
1000
0
400
500
600
700
800
900
1000
SYSTEM CLOCK FREQUENCY (MHz)
DVDD 1.8V
AVDD 1.8V
AVDD 3.3V
DVDD 3.3V
Figure 23. Power Dissipation vs. System Clock (PLL Enabled)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
CENTER 143.86MHz
SPAN 25.5MHz
2.55MHz/DIV
Tx CHANNEL
BANDWIDTH: 3.84MHz
ADJACENT CHANNEL
BANDWIDTH: 3.84MHz
SPACING: 3MHz
ADJACENT CHANNEL
BANDWIDTH: 3.84MHz
SPACING: 10MHz
POWER: –11.88dBm
LOWER: –78.27dB
UPPER: –78.50dB
LOWER: –81.42dB
UPPER: –81.87dB
W-CDMA SGFF FWD
Figure 24. Typical ACLR for Wideband CDMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com