Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7192
Description  Sigma-Delta ADC with PGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7192 Datasheet HTML 8Page - Analog Devices AD7192 Datasheet HTML 9Page - Analog Devices AD7192 Datasheet HTML 10Page - Analog Devices AD7192 Datasheet HTML 11Page - Analog Devices AD7192 Datasheet HTML 12Page - Analog Devices AD7192 Datasheet HTML 13Page - Analog Devices AD7192 Datasheet HTML 14Page - Analog Devices AD7192 Datasheet HTML 15Page - Analog Devices AD7192 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AD7192
Rev. A | Page 11 of 40
Pin No.
Mnemonic
Description
13
AIN3
Analog Input. This pin can be configured as the positive input of a fully differential input pair when used with
AIN4 or as a pseudodifferential input when used with AINCOM.
14
AIN4
Analog Input. This pin can be configured as the negative input of a fully differential input pair when used
with AIN3 or as a pseudodifferential input when used with AINCOM.
15
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−). REFIN1(+)
can lie anywhere between AVDD and AGND + 1 V. The nominal reference voltage, (REFIN1(+) − REFIN1(−)), is
AVDD, but the part functions with a reference from 1 V to AVDD.
16
REFIN1(−)
Negative Reference Input. This reference input can lie anywhere between AGND and AVDD − 1 V.
17
BPDSW
Bridge Power-Down Switch to AGND.
18
AGND
Analog Ground Reference Point.
19
DGND
Digital Ground Reference Point.
20
AVDD
Analog Supply Voltage, 3 V to 5.25 V. AVDD is independent of DVDD. Therefore, DVDD can be operated at 3 V with
AVDD at 5 V or vice versa.
21
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. DVDD is independent of AVDD. Therefore, AVDD can be operated at 3 V
with DVDD at 5 V or vice versa.
22
SYNC
Logic input that allows for synchronization of the digital filters and analog modulators when using a number
of AD7192 devices. While SYNC is low, the nodes of the digital filter, the filter control logic, and the
calibration control logic are reset, and the analog modulator is also held in its reset state. SYNC does not
affect the digital interface but does reset RDY to a high state if it is low. SYNC has a pull-up resistor internally
to DVDD.
23
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDYserves a dual purpose. It functions as a serial data output
pin to access the output shift register of the ADC. The output shift register can contain data from any of the
on-chip data or control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate
the completion of a conversion. If the data is not read after the conversion, the pin goes high before the next
update occurs. The DOUT/RDY falling edge can be used as an interrupt to a processor, indicating that valid
data is available. With an external serial clock, the data can be read using the DOUT/RDY pin. With CS low, the
data-/control-word information is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the
SCLK rising edge.
24
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the control
registers in the ADC, with the register selection bits of the communications register identifying the
appropriate register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com