Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7192
Description  Sigma-Delta ADC with PGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7192 Datasheet HTML 15Page - Analog Devices AD7192 Datasheet HTML 16Page - Analog Devices AD7192 Datasheet HTML 17Page - Analog Devices AD7192 Datasheet HTML 18Page - Analog Devices AD7192 Datasheet HTML 19Page - Analog Devices AD7192 Datasheet HTML 20Page - Analog Devices AD7192 Datasheet HTML 21Page - Analog Devices AD7192 Datasheet HTML 22Page - Analog Devices AD7192 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AD7192
Rev. A | Page 18 of 40
ON-CHIP REGISTERS
The ADC is controlled and configured via a number of on-chip
registers that are described on the following pages. In the
following descriptions, “set” implies a Logic 1 state and
“cleared” implies a Logic 0 state, unless otherwise noted.
COMMUNICATIONS REGISTER
(RS2, RS1, RS0 = 0, 0, 0)
The communications register is an 8-bit write-only register. All
communications to the part must start with a write operation to
the communications register. The data written to the communi-
cations register determines whether the next operation is a read
or write operation and in which register this operation takes
place. For read or write operations, when the subsequent read
or write operation to the selected register is complete, the
interface returns to where it expects a write operation to the
communications register. This is the default state of the
interface and, on power-up or after a reset, the ADC is in this
default state waiting for a write operation to the communica-
tions register. In situations where the interface sequence is lost,
a write operation of at least 40 serial clock cycles with DIN high
returns the ADC to this default state by resetting the entire part.
Table 14 outlines the bit designations for the communications
register. CR0 through CR7 indicate the bit location, CR denoting
that the bits are in the communications register. CR7 denotes
the first bit of the data stream. The number in parentheses
indicates the power-on/reset default status of that bit.
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
WEN(0)
R/W(0)
RS2(0)
RS1(0)
RS0(0)
CREAD(0)
0(0)
0(0)
Table 14. Communications Register Bit Designations
Bit Location
Bit Name
Description
CR7
WEN
Write enable bit. A 0 must be written to this bit so that the write to the communications register actually
occurs. If a 1 is the first bit written, the part does not clock on to subsequent bits in the register. It stays at
this bit location until a 0 is written to this bit. After a 0 is written to the WEN bit, the next seven bits are
loaded to the communications register. Idling the DIN pin high between data transfers minimizes the
effects of spurious SCLK pulses on the serial interface.
CR6
R/W
A 0 in this bit location indicates that the next operation is a write to a specified register. A 1 in this position
indicates that the next operation is a read from the designated register.
CR5 to CR3
RS2 to RS0
Register address bits. These address bits are used to select which registers of the ADC are selected during
the serial interface communication (see Table 15).
CR2
CREAD
Continuous read of the data register. When this bit is set to 1 (and the data register is selected), the serial
interface is configured so that the data register can be continuously read; that is, the contents of the data
register are automatically placed on the DOUT pin when the SCLK pulses are applied after the RDY pin
goes low to indicate that a conversion is complete. The communications register does not have to be
written to for subsequent data reads. To enable continuous read, the Instruction 01011100 must be written
to the communications register. To disable continuous read, the Instruction 01011000 must be written to
the communications register while the RDY pin is low. While continuous read is enabled, the ADC monitors
activity on the DIN line so that it can receive the instruction to disable continuous read. Additionally, a reset
occurs if 40 consecutive 1s are seen on DIN. Therefore, DIN should be held low until an instruction is to be
written to the device.
CR1 to CR0
0
These bits must be programmed to Logic 0 for correct operation.
Table 15. Register Selection
RS2
RS1
RS0
Register
Register Size
0
0
0
Communications register during a write operation
8 bits
0
0
0
Status register during a read operation
8 bits
0
0
1
Mode register
24 bits
0
1
0
Configuration register
24 bits
0
1
1
Data register/data register plus status information
24 bits/32 bits
1
0
0
ID register
8 bits
1
0
1
GPOCON register
8 bits
1
1
0
Offset register
24 bits
1
1
1
Full-scale register
24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com