Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7192
Description  Sigma-Delta ADC with PGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7192 Datasheet HTML 27Page - Analog Devices AD7192 Datasheet HTML 28Page - Analog Devices AD7192 Datasheet HTML 29Page - Analog Devices AD7192 Datasheet HTML 30Page - Analog Devices AD7192 Datasheet HTML 31Page - Analog Devices AD7192 Datasheet HTML 32Page - Analog Devices AD7192 Datasheet HTML 33Page - Analog Devices AD7192 Datasheet HTML 34Page - Analog Devices AD7192 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AD7192
Rev. A | Page 30 of 40
Continuous Conversion Mode
Continuous conversion is the default power-up mode. The
AD7192 converts continuously, and the RDY bit in the status
register goes low each time a conversion is complete. If CS is
low, the DOUT/RDY line also goes low when a conversion is
completed. To read a conversion, the user writes to the
communications register, indicating that the next operation is a
read of the data register. When the data-word has been read
from the data register, DOUT/RDY goes high. The user can
read this register additional times, if required. However, the
user must ensure that the data register is not being accessed at
the completion of the next conversion or else the new conversion
word is lost.
When several channels are enabled, the ADC continuously
loops through the enabled channels, performing one conversion
on each channel per loop. The data register is updated as soon
as each conversion is available. The DOUT/RDY pin pulses low
each time a conversion is available. The user can then read the
conversion while the ADC converts on the next enabled channel.
If the DAT_STA bit in the mode register is set to 1, the contents
of the status register are output along with the conversion each
time that the data read is performed. The status register
indicates the channel to which the conversion corresponds.
DIN
SCLK
DOUT/RDY
CS
0x58
0x58
DATA
DATA
Figure 30. Continuous Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com