Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7192
Description  Sigma-Delta ADC with PGA
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7192 Datasheet HTML 29Page - Analog Devices AD7192 Datasheet HTML 30Page - Analog Devices AD7192 Datasheet HTML 31Page - Analog Devices AD7192 Datasheet HTML 32Page - Analog Devices AD7192 Datasheet HTML 33Page - Analog Devices AD7192 Datasheet HTML 34Page - Analog Devices AD7192 Datasheet HTML 35Page - Analog Devices AD7192 Datasheet HTML 36Page - Analog Devices AD7192 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AD7192
Rev. A | Page 32 of 40
CIRCUIT DESCRIPTION
ANALOG INPUT CHANNEL
The AD7192 has two differential/four pseudodifferential analog
input channels, which can be buffered or unbuffered. In buffered
mode (the BUF bit in the configuration register is set to 1), the
input channel feeds into a high impedance input stage of the
buffer amplifier. Therefore, the input can tolerate significant
source impedances and is tailored for direct connection to
external resistive-type sensors such as strain gages or resistance
temperature detectors (RTDs).
When BUF = 0, the part is operated in unbuffered mode. This
results in a higher analog input current. Note that this unbuffered
input path provides a dynamic load to the driving source.
Therefore, resistor/capacitor combinations on the input pins
can cause gain errors, depending on the output impedance of
the source that is driving the ADC input. Table 22 shows the
allowable external resistance/capacitance values for unbuffered
mode at a gain of 1 such that no gain error at the 20-bit level is
introduced.
Table 22. External R-C Combination for No 20-Bit Gain Error
C (pF)
R (Ω)
50
1.4 k
100
850
500
300
1000
230
5000
30
The absolute input voltage range in buffered mode is restricted
to a range between AGND + 250 mV and AVDD − 250 mV. Care
must be taken in setting up the common-mode voltage so that
these limits are not exceeded. Otherwise, there is degradation in
linearity and noise performance.
The absolute input voltage in unbuffered mode includes the
range between AGND − 50 mV and AVDD + 50 mV. The
negative absolute input voltage limit does allow the possibility
of monitoring small true bipolar signals with respect to AGND.
PROGRAMMABLE GAIN ARRAY (PGA)
When the gain stage is enabled, the output from the buffer is
applied to the input of the PGA. The presence of the PGA
means that signals of small amplitude can be gained within the
AD7192 while still maintaining excellent noise performance.
For example, when the gain is set to 128, the rms noise is 11 nV,
typically, when the output data rate is 4.7 Hz, which is equivalent
to 22.5 bits of effective resolution or 20 bits of noise-free
resolution.
The AD7192 can be programmed to have a gain of 1, 8, 16, 32,
64, and 128 using Bit G2 to Bit G0 in the configuration register.
Therefore, with an external 2.5 V reference, the unipolar ranges
are from 0 mV to 19.53 mV to 0 V to 2.5 V and the bipolar
ranges are from ±19.53 mV to ±2.5 V.
The analog input range must be limited to ±(AVDD – 1.25 V)/gain
because the PGA requires some headroom. Therefore, if AVDD =
5 V, the maximum analog input that can be applied to the
AD7192 is 0 to 3.75 V/gain in unipolar mode or ±3.75 V/gain
in bipolar mode.
BIPOLAR/UNIPOLAR CONFIGURATION
The analog input to the AD7192 can accept either unipolar or
bipolar input voltage ranges. A bipolar input range does not
imply that the part can tolerate negative voltages with respect to
system AGND. In pseudo-differential mode, signals are
referenced to AINCOM, while in differential mode, signals are
referenced to the negative input of the differential pair. For
example, if AINCOM is 2.5 V and the AD7192 AIN1 analog
input is configured for unipolar mode with a gain of 2, the input
voltage range on the AIN1 pin is 2.5 V to 3.75 V when a 2.5 V
reference is used.
If AINCOM is 2.5 V and the AD7192 AIN1 analog input is
configured for bipolar mode with a gain of 2, the analog input
range on AIN1 is 1.25 V to 3.75 V The bipolar/unipolar option
is chosen by programming the U/B bit in the configuration
register.
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input
voltage resulting in a code of 00...00, a midscale voltage result-
ing in a code of 100...000, and a full-scale input voltage resulting
in a code of 111...111. The output code for any analog input
voltage can be represented as
Code = (2N × AIN × Gain)/VREF
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage resulting
in a code of 000...000, a zero differential input voltage resulting
in a code of 100...000, and a positive full-scale input voltage
resulting in a code of 111...111. The output code for any analog
input voltage can be represented as
Code = 2N – 1 × [(AIN × Gain/VREF) + 1]
where AIN is the analog input voltage, Gain is the PGA setting
(1 to 128), and N = 24.
CLOCK
The AD7192 includes an internal 4.92 MHz clock on-chip. This
internal clock has a tolerance of ±4%. Either the internal clock
or an external crystal/clock can be used as the clock source to
the AD7192. The clock source is selected using the CLK1 and
CLK0 bits in the mode register. When an external crystal is
used, it must be connected across the MCLK1 and MCLK2
pins. The crystal manufacturer recommends the load capacitances
required for the crystal. The MCLK1 and MCLK2 pins of the
AD7192 have a capacitance of 15 pF, typically. If an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com