Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7291
Description  Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 4 Page - Analog Devices

  AD7291 Datasheet HTML 1Page - Analog Devices AD7291 Datasheet HTML 2Page - Analog Devices AD7291 Datasheet HTML 3Page - Analog Devices AD7291 Datasheet HTML 4Page - Analog Devices AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD7291
Rev. C | Page 3 of 28
SPECIFICATIONS
VDD = 2.8 V to 3.6 V; VDRIVE = 1.65 V to 3.6 V; fSCL = 400 kHz, fast SCLK mode; VREF = 2.5 V internal/external; TA = −40°C to +125°C,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave
Signal-to-Noise Ratio (SNR)2
70
71
dB
Signal-to-Noise (+ Distortion) Ratio (SINAD)2
70
71
dB
Total Harmonic Distortion (THD)2
−84
−78
dB
Spurious-Free Dynamic Range (SFDR)
−85
−80
dB
Intermodulation Distortion (IMD)
fA = 5.4 kHz, fB = 4.6 kHz
Second-Order Terms
−88
dB
Third-Order Terms
−88
dB
Channel-to-Channel Isolation
−100
dB
fIN = 10 kHz
Full Power Bandwidth3
30
MHz
At 3 dB
10
MHz
At 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)2
±0.5
±1
LSB
Differential Nonlinearity (DNL)2
±0.5
±0.99
LSB
Guaranteed no missed codes to 12 bits
Offset Error2
±2
±4.5
LSB
Offset Error Matching2
±2.5
±4.5
LSB
Offset Temperature Drift
4
ppm/°C
Gain Error2
±1
±4
LSB
Gain Error Matching2
±1
±2.5
LSB
Gain Temperature Drift
0.5
ppm/°C
ANALOG INPUT
Input Voltage Ranges
0
VREF
V
DC Leakage Current
±0.01
±1
µA
Input Capacitance3
34
pF
When in track
8
pF
When in hold
REFERENCE INPUT/OUTPUT
Reference Output Voltage4
2.4925
2.5
2.5075
V
±0.3% maximum at 25°C
Long-Term Stability
150
ppm
For 1000 hours
Output Voltage Hysteresis
50
ppm
Reference Input Voltage Range5
1
2.5
V
DC Leakage Current
±0.01
±1
µA
External reference applied to Pin VREF
VREF Output Impedance
1
Ω
Reference Temperature Coefficient
12
35
ppm/°C
VREF Noise3
60
µV rms
Bandwidth = 10 MHz
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
0.3 × VDRIVE
V
Input Current, IIN
±0.01
±1
µA
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
6
pF
Input Hysteresis, VHYST
0.1 × VDRIVE
V
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.3
V
VDRIVE < 1.8
VDRIVE − 0.2
V
VDRIVE ≥ 1.8
Output Low Voltage, VOL
0.4
V
ISINK = 3 mA
0.6
V
ISINK = 6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com