Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7291
Description  Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7291 Datasheet HTML 17Page - Analog Devices AD7291 Datasheet HTML 18Page - Analog Devices AD7291 Datasheet HTML 19Page - Analog Devices AD7291 Datasheet HTML 20Page - Analog Devices AD7291 Datasheet HTML 21Page - Analog Devices AD7291 Datasheet HTML 22Page - Analog Devices AD7291 Datasheet HTML 23Page - Analog Devices AD7291 Datasheet HTML 24Page - Analog Devices AD7291 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7291
Data Sheet
Rev. C | Page 20 of 28
HYSTERESIS REGISTER
Each analog input channel and the internal temperature sensor
has a hysteresis register, which is a 16-bit read/write register.
Only the 12 LSBs are used. Bit D15 to Bit D12 are not used in
the register and are set to 0s. The hysteresis register stores the
hysteresis value, N, when using the limit registers. Each pair of
limit registers has a dedicated hysteresis register. The hysteresis
value determines the reset point for the ALERT pin if a violation of
the limits occurs. For example, if a hysteresis value of eight LSBs
is required on the upper and lower limits of Channel 0, the 16-
bit word, 0000 0000 0000 1000, must be written to the hysteresis
register of CH0, the address of which is 0x06 (see Table 25 and
Table 26). During power-up, the hysteresis registers content
defaults to all zeros (0x0000). If a hysteresis value is required,
that value must be written to the hysteresis register for the
channel in question.
Table 25. Hysteresis Register (First Read/Write Byte)
MSB
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
B11
B10
B9
B8
Table 26. Hysteresis Register (Second Read/Write Byte)
LSB
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
ALERT STATUS REGISTER A AND ALERT STATUS
REGISTER B (0x1F AND 0x20)
The alert status registers are 16-bit, read-only registers that
provide information on an alert event. If a conversion result
activates the ALERT pin, as described in the Limit Registers
(0x04 to 0x1E) section, the alert status register can be read to
gain further information. There are two alert status registers in
the AD7291; Alert Status Register A, which stores alerts for the
analog voltage conversion channels (see Table 27 and Table 28)
and Alert Status Register B, which stores alerts for the internal
temperature sensor only (see Table 29 and Table 30).
Both alert status registers contain two status bits per channel,
one corresponding to the DATAHIGH limit and the other to the
DATALOW limit. The bit with a status of 1 shows where the
violation occurred—that is, on which channel—and whether
the violation occurred on the upper or lower limit. If a second
alert event occurs on the other channel between receiving the
first alert and interrogating the alert status register, the corres-
ponding bit for that alert event is also set. The entire contents
of the alert status register can be cleared by writing 1 to Bit D2
in the command register.
For example, if Bit D14 in Alert Status Register A is set to 1, the
lower limit on Channel 7 (Register 0x1A) is violated, while if
Bit D11 is set 1, the upper limit on Channel 5 is violated
(Register 0x13).
The TSENSEHIGH and TSENSE_AVGHIGH alerts are determined
by comparison with the TSENSE DATAHIGH register (Register
0x1C). Likewise, the TSENSELOW and TSENSE_AVGLOW alerts
are determined by comparison with the TSENSE DATALOW register
(Register 0x1D).
Table 27. Alert Status Register A (First Read Byte)
D15
D14
D13
D12
D11
D10
D9
D8
CH7HIGH
CH7LOW
CH6HIGH
CH6LOW
CH5HIGH
CH5LOW
CH4HIGH
CH4LOW
Table 28. Alert Status Register A (Second Read Byte)
D7
D6
D5
D4
D3
D2
D1
D0
CH3HIGH
CH3LOW
CH2HIGH
CH2LOW
CH1HIGH
CH1LOW
CH0HIGH
CH0LOW
Table 29. Alert Status Register B (First Read Byte)
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
0
0
0
0
Table 30. Alert Status Register B (Second Read Byte)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
TSENSE_AVGHIGH
TSENSE_AVGLOW
TSENSEHIGH
TSENSELOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com