Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7291
Description  Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7291 Datasheet HTML 12Page - Analog Devices AD7291 Datasheet HTML 13Page - Analog Devices AD7291 Datasheet HTML 14Page - Analog Devices AD7291 Datasheet HTML 15Page - Analog Devices AD7291 Datasheet HTML 16Page - Analog Devices AD7291 Datasheet HTML 17Page - Analog Devices AD7291 Datasheet HTML 18Page - Analog Devices AD7291 Datasheet HTML 19Page - Analog Devices AD7291 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD7291
Rev. C | Page 15 of 28
INTERNAL REGISTER STRUCTURE
The AD7291 contains 34 internal registers (see Figure 23) that
are used to store conversion results, high and low conversion
limits, and information to configure and control the device.
There are 33 data registers and one address pointer register.
Each data register has an address that the address pointer
register points to when communicating with it. Table 9 details
which registers are read, write, or read/write.
ADDRESS POINTER REGISTER
The address pointer register is the register to which the first
data byte of every write operation is written automatically;
therefore, this register does not have and does not require an
address. The address pointer register is an 8-bit register in
which the six LSBs are used as pointer bits to store an address
that points to one of the AD7291 data registers. The first byte
following each write address is to the address pointer register,
containing the address of one of the data registers. The six LSBs
select the data register to which subsequent data bytes are
written. Only the six LSBs of this register are used to select a
data register. During power-up, the address pointer register
contains all 0s, pointing to the command register.
Table 8. Address Pointer Register
D1
D0
P5
P4
P3
P2
P1
P0
0
0
Register select
SDA
SCL
COMMAND
REGISTER
TSENSE CONV
RESULT REGISTER
TSENSE AVG
RESULT REGISTER
CH0 DATAHIGH
REGISTER
CH1 DATALOW
REGISTER
CH0 HYSTERESIS
REGISTER
CH1 DATAHIGH
REGISTER
CH1 HYSTERESIS
REGISTER
CH0 DATALOW
REGISTER
CH7 DATAHIGH
REGISTER
CH7 DATALOW
REGISTER
CH7 HYSTERESIS
REGISTER
TSENSE HYSTERESIS
REGISTER
TSENSE DATAHIGH
REGISTER
TSENSE DATALOW
REGISTER
ALERT STATUS
REGISTER A
ALERT STATUS
REGISTER B
VOLTAGE CONV
RESULT REGISTER
SERIAL BUS INTERFACE
ADDRESS
POINTER
REGISTER
Figure 23. AD7291 Register Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com