Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7291
Description  Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 1 Page - Analog Devices

  AD7291 Datasheet HTML 1Page - Analog Devices AD7291 Datasheet HTML 2Page - Analog Devices AD7291 Datasheet HTML 3Page - Analog Devices AD7291 Datasheet HTML 4Page - Analog Devices AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
8-Channel, I2C, 12-Bit SAR ADC
with Temperature Sensor
Data Sheet
AD7291
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
12-bit SAR ADC
8 single-ended analog input channels
Analog input range: 0 V to 2.5 V
12-bit temperature-to-digital converter
Temperature sensor accuracy of ±1°C typical
Channel sequencer operation
Specified for VDD of 2.8 V to 3.6 V
Logic voltage VDRIVE = 1.65 V to 3.6 V
Internal 2.5 V reference
I2C-compatible serial interface supports standard and
fast speed modes
Out of range indicator/alert function
Autocycle mode
Power-down current: 12 μA maximum
Temperature range: −40°C to +125°C
20-lead LFCSP package
FUNCTIONAL BLOCK DIAGRAM
TEMP
SENSOR
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
INPUT
MUX
T/H
VDD
GND
PD/RST
SCL
SDA
AS1
AS0
VDRIVE
VIN7
VIN0
CONTROL LOGIC
I2C INTERFACE
SEQUENCER
VREF
BUF
REF
AD7291
ALERT
Figure 1.
GENERAL DESCRIPTION
The AD7291 is a 12-bit, low power, 8-channel, successive
approximation analog-to-digital converter (ADC) with an
internal temperature sensor.
The device operates from a single 3.3 V power supply and
features an I2C-compatible interface. The device contains a 9-
channel multiplexer and a track-and-hold amplifier than can
handle frequencies up to 30 MHz. The device has an on-chip
2.5 V reference that can be disabled to allow the use of an
external reference.
The AD7291 provides a 2-wire serial interface compatible with
I2C interfaces. The I2C interface supports standard and fast I2C
interface modes. The AD7291 normally remains in a partial
power-down state while not converting and powers up for
conversions. The conversion process can be controlled by a
command mode where conversions occur across I2C write
operations or an autocycle mode selected through software
control.
The AD7291 includes a high accuracy band gap temperature
sensor, which is monitored and digitized by the 12-bit ADC to
give a resolution of 0.25°C.
The AD7291 offers a programmable sequencer, which enables
the selection of a preprogrammable sequence of channels for
conversion.
On-chip limit registers can be programmed with high and low
limits for the conversion results; an out-of-range indicator
output (ALERT) becomes active when the programmed high
or low limits are violated by the conversion result. This output
can be used as an interrupt.
PRODUCT HIGHLIGHTS
1.
Ideally suited to monitoring system variables in a variety
of systems including telecommunications, process control,
and industrial control.
2.
I2C-compatible serial interface, which supports standard
and fast modes.
3.
Automatic partial power-down while not converting to
maximize power efficiency.
4.
Channel sequencer operation.
5.
Integrated temperature sensor with 0.25°C resolution.
6.
Out of range indicator that can be software disabled or
enabled.
Table 1. AD7291 and Related Products
Device
Resolution
Interface
Features
AD7291
12-bit
I2C
8-channel, I2C, 12-bit SAR
ADC with temperature sensor
AD7298
12-bit
SPI
8-channel, 1 MSPS, 12-bit SAR
ADC with temperature sensor


Similar Part No. - AD7291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291BCPZ AD-AD7291BCPZ Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
More results

Similar Description - AD7291

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com