Electronic Components Datasheet Search
  English  ▼

X  

AD7291 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7291
Description  Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices AD7291 Datasheet HTML 10Page - Analog Devices AD7291 Datasheet HTML 11Page - Analog Devices AD7291 Datasheet HTML 12Page - Analog Devices AD7291 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7291
Data Sheet
Rev. C | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
–20
–40
–60
–80
–100
–120
0
2k
VDD = VDRIVE = 3V
fS = 22.22ksps
fSCL = 400kHz
fIN = 10kHz
SNR = 71.209
THD = –81.66
4k
6k
8k
10k
FREQUENCY (Hz)
Figure 4. Typical FFT
1.0
0.8
0.6
0.4
0.2
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
500
1000
1500
2000
2500
3000
3500
4096
ADC CODE
TA = 25°C
VDRIVE = 3V
VREF = 2.5V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
Figure 5. Typical ADC INL
1.0
0.8
0.6
0.4
0.2
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
500
1000
1500
2000
2500
3000
3500
4096
ADC CODE
TA = 25°C
VDRIVE = 3V
VREF = 2.5V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
Figure 6. Typical ADC DNL
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
VREF (V)
INL (POSITIVE)
INL (NEGATIVE)
TA = 25°C
VDRIVE = 3V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
Figure 7. INL vs. External VREF
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.5
1.0
1.5
2.0
2.5
3.0
VREF (V)
DNL (POSITIVE)
DNL (NEGATIVE)
TA = 25°C
VDRIVE = 3V
VDD = 3V
fS = 22.22ksps
fSCL = 400kHz
Figure 8. DNL vs. External VREF
11.7
11.6
11.5
11.4
11.3
11.2
0
0.5
1.0
1.5
2.0
2.5
EXTERNAL REFERENCE (V)
Figure 9. Effective Number of Bits vs. VREF, fSCL = 400 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com