Electronic Components Datasheet Search
  English  ▼

X  

PD780133 Datasheet(PDF) 29 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 29 Page - NEC

Back Button PD780133 Datasheet HTML 25Page - NEC PD780133 Datasheet HTML 26Page - NEC PD780133 Datasheet HTML 27Page - NEC PD780133 Datasheet HTML 28Page - NEC PD780133 Datasheet HTML 29Page - NEC PD780133 Datasheet HTML 30Page - NEC PD780133 Datasheet HTML 31Page - NEC PD780133 Datasheet HTML 32Page - NEC PD780133 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 558 page
background image
CHAPTER 1 OUTLINE
User’s Manual U16228EJ2V0UD
29
1.5 K1 Family Lineup
1.5.1 78K0/Kx1 product lineup
PD78F0103
Flash memory: 24 KB, RAM: 768 bytes
Mask ROM: 24 KB, RAM: 768 bytes
Mask ROM: 16 KB, RAM: 768 bytes
Mask ROM: 8 KB, RAM: 512 bytes
PD780103
PD780102
PD780101
78K0/KB1: 30-pin (7.62 mm 0.65 mm pitch)
PD78F0114
Flash memory: 32 KB, RAM: 1 KB
Mask ROM: 32 KB, RAM: 1 KB
Mask ROM: 24 KB, RAM: 1 KB
Mask ROM: 16 KB, RAM: 512 bytes
PD780114
PD780113
PD780112
Mask ROM: 8 KB, RAM: 512 bytes
PD780111
78K0/KC1: 44-pin (10
× 10 mm 0.8 mm pitch)
PD78F0124
Flash memory: 32 KB, RAM: 1 KB
Mask ROM: 32 KB, RAM: 1 KB
Mask ROM: 24 KB, RAM: 1 KB
Mask ROM: 16 KB, RAM: 512 bytes
PD780124
PD780123
PD780122
Mask ROM: 8 KB, RAM: 512 bytes
PD780121
78K0/KD1: 52-pin (10
× 10 mm 0.65 mm pitch)
PD78F0148
Flash memory: 60 KB, RAM: 2 KB
Mask ROM: 60 KB, RAM: 2 KB
Mask ROM: 48 KB, RAM: 2 KB
Mask ROM: 32 KB, RAM: 1 KB
PD780148
PD780146
PD780144
Mask ROM: 24 KB, RAM: 1 KB
PD780143
78K0/KF1: 80-pin (12
× 12 mm 0.5 mm pitch, 14 × 14 mm 0.65 mm pitch)
PD78F0134
Flash memory: 32 KB, RAM: 1 KB
Mask ROM: 32 KB, RAM: 1 KB
Mask ROM: 24 KB, RAM: 1 KB
Mask ROM: 16 KB, RAM: 512 bytes
PD780134
PD780133
PD780132
Mask ROM: 8 KB, RAM: 512 bytes
PD780131
PD78F0138
Flash memory: 60 KB, RAM: 2 KB
Mask ROM: 60 KB, RAM: 2 KB
Mask ROM: 48 KB, RAM: 2 KB
PD780138
PD780136
78K0/KE1: 64-pin (10
× 10 mm 0.5 mm pitch, 12 × 12 mm 0.65 mm pitch, 14 × 14 mm 0.8 mm pitch)
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com