Electronic Components Datasheet Search
  English  ▼

X  

PD780133 Datasheet(PDF) 41 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 41 Page - NEC

Back Button PD780133 Datasheet HTML 37Page - NEC PD780133 Datasheet HTML 38Page - NEC PD780133 Datasheet HTML 39Page - NEC PD780133 Datasheet HTML 40Page - NEC PD780133 Datasheet HTML 41Page - NEC PD780133 Datasheet HTML 42Page - NEC PD780133 Datasheet HTML 43Page - NEC PD780133 Datasheet HTML 44Page - NEC PD780133 Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 558 page
background image
CHAPTER 2 PIN FUNCTIONS
User’s Manual U16228EJ2V0UD
41
2.2.2 P10 to P17 (port 1)
P10 to P17 function as an 8-bit I/O port. These pins also function as pins for external interrupt request input, serial
interface data I/O, clock I/O, and timer I/O.
The following operation modes can be specified in 1-bit units.
(1) Port mode
P10 to P17 function as an 8-bit I/O port. P10 to P17 can be set to input or output in 1-bit units using port mode
register 1 (PM1). Use of an on-chip pull-up resistor can be specified by pull-up resistor option register 1 (PU1).
(2) Control mode
P10 to P17 function as external interrupt request input, serial interface data I/O, clock I/O, and timer I/O.
(a) SI10
This is a serial interface serial data input pin.
(b) SO10
This is a serial interface serial data output pin.
(c) SCK10
This is a serial interface serial clock I/O pin.
(d) RxD0, RxD6
These are the serial data input pins of the asynchronous serial interface.
(e) TxD0, TxD6
These are the serial data output pins of the asynchronous serial interface.
(f)
TI50
This is the pin for inputting an external count clock to 8-bit timer/event counter 50.
(g) TO50, TOH0, and TOH1
These are timer output pins.
(h) INTP5
This is an external interrupt request input pin for which the valid edge (rising edge, falling edge, or both rising
and falling edges) can be specified.
2.2.3 P20 to P27 (port 2)
P20 to P27 function as an 8-bit input-only port. These pins also function as pins for A/D converter analog input.
The following operation modes can be specified in 1-bit units.
(1) Port mode
P20 to P27 function as an 8-bit input-only port.
(2) Control mode
P20 to P27 function as A/D converter analog input pins (ANI0 to ANI7). When using these pins as analog input
pins, see (5) ANI0/P20 to ANI7/P27 in 12.6 Cautions for A/D Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com