Electronic Components Datasheet Search
  English  ▼

X  

PD780133 Datasheet(PDF) 44 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 44 Page - NEC

Back Button PD780133 Datasheet HTML 40Page - NEC PD780133 Datasheet HTML 41Page - NEC PD780133 Datasheet HTML 42Page - NEC PD780133 Datasheet HTML 43Page - NEC PD780133 Datasheet HTML 44Page - NEC PD780133 Datasheet HTML 45Page - NEC PD780133 Datasheet HTML 46Page - NEC PD780133 Datasheet HTML 47Page - NEC PD780133 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 558 page
background image
CHAPTER 2 PIN FUNCTIONS
User’s Manual U16228EJ2V0UD
44
2.2.14 RESET
This is the active-low system reset input pin.
2.2.15 REGC
This is the pin for connecting the capacitor for the regulator. When using the regulator, connect this pin to VSS via a
capacitor (1
µF: recommended). When the regulator is not used, connect this pin directly to VDD pin.
Caution
A regulator cannot be used with (A1) grade products and (A2) grade products.
Be sure to
connect the REGC pin of these products directly to VDD.
2.2.16 X1 and X2
These are the pins for connecting a resonator for X1 input clock.
When supplying an external clock, input a signal to the X1 pin and input the inverse signal to the X2 pin.
2.2.17 XT1 and XT2
These are the pins for connecting a resonator for subsystem clock.
When supplying an external clock, input a signal to the XT1 pin and input the inverse signal to the XT2 pin.
2.2.18 VDD and EVDD
VDD is the positive power supply pin for other than ports.
EVDD is the positive power supply pin for ports.
2.2.19 VSS and EVSS
VSS is the ground potential pin for other than ports.
EVSS is the ground potential pin for ports.
2.2.20 VPP (flash memory versions only)
This is a pin for flash memory programming mode setting and high-voltage application for program write/verify.
Connect to EVSS or VSS in the normal operation mode.
2.2.21 IC (mask ROM versions only)
The IC (Internally Connected) pin is provided to set the test mode to check the 78K0/KE1 at shipment. Connect it
directly to EVSS or VSS pin with the shortest possible wire in the normal operation mode.
When a potential difference is produced between the IC pin and the EVSS or VSS pin because the wiring between
these two pins is too long or external noise is input to the IC pin, the user’s program may not operate normally.
• Connect the IC pin directly to EVSS or VSS.
As short as possible
IC
EVSS or VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com