Electronic Components Datasheet Search
  English  ▼

X  

PD780133 Datasheet(PDF) 35 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 35 Page - NEC

Back Button PD780133 Datasheet HTML 31Page - NEC PD780133 Datasheet HTML 32Page - NEC PD780133 Datasheet HTML 33Page - NEC PD780133 Datasheet HTML 34Page - NEC PD780133 Datasheet HTML 35Page - NEC PD780133 Datasheet HTML 36Page - NEC PD780133 Datasheet HTML 37Page - NEC PD780133 Datasheet HTML 38Page - NEC PD780133 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 558 page
background image
CHAPTER 1 OUTLINE
User’s Manual U16228EJ2V0UD
35
(2/2)
Item
µPD780131 µPD780132 µPD780133 µPD780134 µPD78F0134 µPD780136 µPD780138 µPD78F0138
Serial interface
• UART mode supporting LIN-bus:
1 channel
• 3-wire serial I/O mode:
1 channel (none in the
µPD780131, 780132)
• 3-wire serial I/O mode/UART mode
Note: 1 channel
Multiplier/divider
• 16 bits
× 16 bits = 32 bits (multiplication)
• 32 bits
÷ 16 bits = 32 bits remainder of 16 bits (division)
Internal
16
19
Vectored interrupt
sources
External
9
Key interrupt
Key interrupt (INTKR) occurs by detecting falling edge of key input pins (KR0 to KR7).
Reset
• Reset using RESET pin
• Internal reset by watchdog timer
• Internal reset by clock monitor
• Internal reset by power-on-clear
• Internal reset by low-voltage detector
ROM correction
−
Provided
Supply voltage
Standard products, (A) grade products: VDD = 2.7 to 5.5 V
(A1) grade products, (A2) grade products: VDD = 3.3 to 5.5 V
Operating ambient temperature
• Standard products, (A) grade products: TA = −40 to +85°C
• (A1) grade products: TA = −40 to +110°C (mask ROM versions),
−40 to +105°C (flash memory versions)
• (A2) grade products: TA = −40 to +125°C (mask ROM versions)
Package
• 64-pin plastic LQFP (10
× 10)
• 64-pin plastic LQFP (14
× 14)
• 64-pin plastic TQFP (12
× 12)
Note Select either of the functions of these alternate-function pins.
An outline of the timer is shown below.
16-Bit Timer/
Event Counters 00
and 01
Note 1
8-Bit Timer/
Event Counters
50 and 51
8-Bit Timers H0 and
H1
TM00
TM01
Note 1
TM50
TM51
TMH0
TMH1
Watch
Timer
Watchdog
Timer
Interval timer
1 channel 1 channel 1 channel 1 channel 1 channel 1 channel
Note 2
1 channel 1 channel
Operation
mode
External event counter
1 channel 1 channel 1 channel 1 channel
−
−
−
−
Timer output
1 output
1 output
1 output
1 output
1 output
1 output
−
−
PPG output
1 output
1 output
−
−
−
−
−
−
PWM output
−
−
1 output
1 output
1 output
1 output
−
−
Pulse width measurement
2 inputs
2 inputs
−
−
−
−
−
−
Square-wave output
1 output
1 output
1 output
1 output
1 output
1 output
−
−
Function
Interrupt source
2
2
1
1
1
1
1
−
Notes 1.
16-bit timer/event counter 01 is available only in the
µPD780133, 780134, 78F0134, 780136, 780138, and
78F0138.
2.
In the watch timer, the watch timer function and interval timer function can be used simultaneously.
Remark
TM51 and TMH1 can be used in combination as a carrier generator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com