Electronic Components Datasheet Search
  English  ▼

X  

PD780133 Datasheet(PDF) 19 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 19 Page - NEC

Back Button PD780133 Datasheet HTML 15Page - NEC PD780133 Datasheet HTML 16Page - NEC PD780133 Datasheet HTML 17Page - NEC PD780133 Datasheet HTML 18Page - NEC PD780133 Datasheet HTML 19Page - NEC PD780133 Datasheet HTML 20Page - NEC PD780133 Datasheet HTML 21Page - NEC PD780133 Datasheet HTML 22Page - NEC PD780133 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 558 page
background image
CHAPTER 1 OUTLINE
User’s Manual U16228EJ2V0UD
19
10-bit resolution A/D converter: 8 channels
Supply voltage: VDD = 2.7 to 5.5 V (standard product, (A) grade product)
VDD = 3.3 to 5.5 V ((A1) grade product, (A2) grade product)
Operating ambient temperature: TA =
−40 to +85°C (standard product, (A) grade product)
TA =
−40 to +105°C (flash memory version of (A1) grade product)
TA =
−40 to +110°C (mask ROM version of (A1) grade product)
TA =
−40 to +125°C (mask ROM version of (A2) grade product)
1.2 Applications
Automotive equipment
• System control for body electricals (power windows, keyless entry reception, etc.)
• Sub-microcontrollers for control
Home audio, car audio
AV equipment
PC peripheral equipment (keyboards, etc.)
Household electrical appliances
• Outdoor air conditioner units
• Microwave ovens, electric rice cookers
Industrial equipment
• Pumps
• Vending machines
• FA (Factory Automation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com