Electronic Components Datasheet Search
  English  ▼

X  

PD780133 Datasheet(PDF) 97 Page - NEC

Part # PD780133
Description  8-Bit Single-Chip Microcontrollers
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD780133 Datasheet(HTML) 97 Page - NEC

Back Button PD780133 Datasheet HTML 93Page - NEC PD780133 Datasheet HTML 94Page - NEC PD780133 Datasheet HTML 95Page - NEC PD780133 Datasheet HTML 96Page - NEC PD780133 Datasheet HTML 97Page - NEC PD780133 Datasheet HTML 98Page - NEC PD780133 Datasheet HTML 99Page - NEC PD780133 Datasheet HTML 100Page - NEC PD780133 Datasheet HTML 101Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 558 page
background image
CHAPTER 4 PORT FUNCTIONS
User’s Manual U16228EJ2V0UD
97
4.2.2 Port 1
Port 1 is an 8-bit I/O port with an output latch. Port 1 can be set to the input mode or output mode in 1-bit units
using port mode register 1 (PM1). When the P10 to P17 pins are used as an input port, use of an on-chip pull-up
resistor can be specified in 1-bit units by pull-up resistor option register 1 (PU1).
This port can also be used for external interrupt request input, serial interface data I/O, clock I/O, and timer I/O.
RESET input sets port 1 to input mode.
Figures 4-6 to 4-10 show block diagrams of port 1.
Caution
When P10/SCK10/TxD0, P11/SI10/RxD0, and P12/SO10 are used as general-purpose ports, do not
write to serial clock selection register 10 (CSIC10).
Figure 4-6. Block Diagram of P10
P10/SCK10/TxD0
WRPU
RD
WRPORT
WRPM
PU10
Alternate
function
Output latch
(P10)
PM10
Alternate
function
EVDD
P-ch
PU1
PM1
PU1:
Pull-up resistor option register 1
PM1:
Port mode register 1
RD:
Read signal
WR
××: Write signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com