Electronic Components Datasheet Search
  English  ▼

X  

AD5662ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD5662ARM
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARM Datasheet(HTML) 4 Page - Analog Devices

  AD5662ARM Datasheet HTML 1Page - Analog Devices AD5662ARM Datasheet HTML 2Page - Analog Devices AD5662ARM Datasheet HTML 3Page - Analog Devices AD5662ARM Datasheet HTML 4Page - Analog Devices AD5662ARM Datasheet HTML 5Page - Analog Devices AD5662ARM Datasheet HTML 6Page - Analog Devices AD5662ARM Datasheet HTML 7Page - Analog Devices AD5662ARM Datasheet HTML 8Page - Analog Devices AD5662ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5662
Preliminary Technical Data
Rev. PrA | Page 4 of 20
A Grade
B Grade
B Version1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
All digital inputs at 0 V or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD= 4.5 V to 5.5 V
250
400
250
400
µA
VIH = VDD and VIL = GND
VDD= 2.7 V to 3.6 V
240
390
240
390
µA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
µA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.05
1
0.05
1
µA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
89
89
%
ILOAD = 2 mA. VDD = 5 V
1 Temperature ranges are as follows: B version: −40°C to +105°C, typical at +25°C.
2 DC specifications tested with the outputs unloaded unless otherwise stated. Linearity calculated using a reduced code range of 512 to 65024.
3 Guaranteed by design and characterization, not production tested.
4 Output unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com