Electronic Components Datasheet Search
  English  ▼

X  

AD5662ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD5662ARM
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5662ARM Datasheet HTML 12Page - Analog Devices AD5662ARM Datasheet HTML 13Page - Analog Devices AD5662ARM Datasheet HTML 14Page - Analog Devices AD5662ARM Datasheet HTML 15Page - Analog Devices AD5662ARM Datasheet HTML 16Page - Analog Devices AD5662ARM Datasheet HTML 17Page - Analog Devices AD5662ARM Datasheet HTML 18Page - Analog Devices AD5662ARM Datasheet HTML 19Page - Analog Devices AD5662ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5662
Preliminary Technical Data
Rev. PrA | Page 16 of 20
APPLICATIONS
USING REF19x AS A POWER SUPPLY FOR AD5662
Because the supply current required by the AD5662 is
extremely low, an alternative option is to use a REF19x voltage
reference (REF195 for 5 V, REF193 for 3 V) to supply the
required voltage to the part—see Figure 36. This is especially
useful if the power supply is quite noisy, or if the system supply
voltages are at some value other than 5 V or 3 V, for example, 15
V. The REF19x outputs a steady supply voltage for the AD5662.
If the low dropout REF195 is used, it must supply 250 µA of
current to the AD5662. This is with no load on the output of the
DAC. When the DAC output is loaded, the REF195 also needs
to supply the current to the load. The total current required
(with a 5 kΩ load on the DAC output) is
250 µA + (5 V/5 kΩ) = 1.25 mA
The load regulation of the REF195 is typically 2 ppm/mA,
which results in a 2.5 ppm (12.5 µV) error for the 1.25 mA
current drawn from it. This corresponds to a 0.164 LSB error.
AD5662
THREE-WIRE
SERIAL
INTERFACE
SYNC
SCLK
DIN
+15V
+5V
250
µA
VOUT = 0V TO 5V
REF195
Figure 36. REF195 as Power Supply to AD5662
BIPOLAR OPERATION USING THE AD5662
The AD5662 has been designed for single-supply operation but
a bipolar output range is also possible using the circuit in
Figure 37. The circuit below gives an output voltage range of
±5 V. Rail-to-rail operation at the amplifier output is achievable
using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65535).
With VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
−
⎟
⎠
⎞
⎜
⎝
⎛
×
=
D
V
O
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output and 0xFFFF corresponding to a 5 V
output.
R2 = 10k
Ω
+5V
–5V
AD820/
OP295
THREE-WIRE
SERIAL
INTERFACE
+5V
AD5662
VDD
VOUT
R1 = 10k
Ω
±5V
0.1
µF
10
µF
Figure 37. Bipolar Operation with the AD5662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com