Electronic Components Datasheet Search
  English  ▼

X  

AD5662ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD5662ARM
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5662ARM Datasheet HTML 10Page - Analog Devices AD5662ARM Datasheet HTML 11Page - Analog Devices AD5662ARM Datasheet HTML 12Page - Analog Devices AD5662ARM Datasheet HTML 13Page - Analog Devices AD5662ARM Datasheet HTML 14Page - Analog Devices AD5662ARM Datasheet HTML 15Page - Analog Devices AD5662ARM Datasheet HTML 16Page - Analog Devices AD5662ARM Datasheet HTML 17Page - Analog Devices AD5662ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5662
Preliminary Technical Data
Rev. PrA | Page 14 of 20
DATA BITS
DB23 (MSB)
DBO (LSB)
PD1
PD0
D13
D12
D11
D10
X
X
X
X
X
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NORMAL OPERATION
1 k
Ω TO GND
100 k
Ω TO GND
THREE-STATE
POWER-DOWN MODES
0
0
1
1
0
1
0
1
Figure 29. Input Register Contents
DIN
DB23
DB23
DB0
DB0
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 24TH FALLING EDGE
SYNC
SCLK
Figure 30. SYNC Interrupt Facility
POWER-ON RESET
The AD5662 family contains a power-on-reset circuit that
controls the output voltage during power-up. The AD5662x-1
DAC output powers up to 0 V, and the AD5662x-2 DAC output
powers up to midscale. The output remains there until a valid
write sequence is made to the DAC. This is useful in
applications where it is important to know the state of the
output of the DAC while it is in the process of powering up.
POWER-DOWN MODES
The AD5662 contains four separate modes of operation. These
modes are software-programmable by setting two bits (DB17
and DB16) in the control register. Table 5 shows how the state
of the bits corresponds to the device’s mode of operation.
Table 5. Modes of Operation for the AD5662
DB17
DB16
Operating Mode
0
0
Normal Operation
Power-Down Modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-State
When both bits are set to 0, the part works normally with its
normal power consumption of 250 µA at 5 V. However, for the
three power-down modes, the supply current falls to 200 nA at
5 V (50 nA at 3 V). Not only does the supply current fall, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different
options. The output is connected internally to GND through a
1 kΩ or 100 kΩ resistor, or is left open-circuited (three-state).
The output stage is illustrated in Figure 31.
RESISTOR
NETWORK
VOUT
VFB
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 31. Output Stage during Power-Down
The bias generator, the output amplifier, the resistor string, and
other associated linear circuitry are all shut down when the
power-down mode is activated. However, the contents of the
DAC register are unaffected when in power-down. The time to
exit power-down is typically 2.5 µs for VDD = 5 V and 5 µs for
VDD = 3 V. See Figure 20 for a plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com