Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 1 Page - Analog Devices

  AD7732 Datasheet HTML 1Page - Analog Devices AD7732 Datasheet HTML 2Page - Analog Devices AD7732 Datasheet HTML 3Page - Analog Devices AD7732 Datasheet HTML 4Page - Analog Devices AD7732 Datasheet HTML 5Page - Analog Devices AD7732 Datasheet HTML 6Page - Analog Devices AD7732 Datasheet HTML 7Page - Analog Devices AD7732 Datasheet HTML 8Page - Analog Devices AD7732 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2-Channel, ±10 V Input Range, High
Throughput, 24-Bit ∑-∆ ADC
AD7732
FEATURES
High resolution ADC
24 bits no missing codes
±0.0015% nonlinearity
Optimized for fast channel switching
18-bit p-p resolution (21 bits effective) at 500 Hz
16-bit p-p resolution (19 bits effective) at 2 kHz
14-bit p-p resolution (18 bits effective) at 15 kHz
On-chip per channel system calibration
2 fully differential analog inputs
Input ranges +5 V, ±5 V, +10 V, ±10 V
Overvoltage tolerant
Up to ±16.5 V not affecting adjacent channel
Up to ±50 V absolute maximum
3-wire serial interface
SPI™, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on logic inputs
Single-supply operation
5 V analog supply
3 V or 5 V digital supply
Package: 28-lead TSSOP
APPLICATIONS
PLCs/DCS
Multiplexing applications
Process control
Industrial instrumentation
GENERAL DESCRIPTION
The AD7732 is a high precision, high throughput analog front
end. True 16-bit p-p resolution is achievable with a total
conversion time of 500 µs (2 kHz channel switching), making it
ideally suitable for high resolution multiplexing applications.
The part can be configured via a simple digital interface, which
allows users to balance the noise performance against data
throughput up to a 15.4 kHz.
The analog front end features two fully differential input
channels with unipolar or true bipolar input ranges to ±10 V
while operating from a single +5 V analog supply. The part has
an overrange and underrange detection capability and accepts
an analog input overvoltage to ±16.5 V without degrading the
performance of the adjacent channels.
FUNCTIONAL BLOCK DIAGRAM
P0
SYNC/P1
AIN0(+)
AIN1(+)
AIN0(–)
AIN1(–)
SCLK
DIN
DOUT
CS
RESET
RDY
DGND
MCLKIN
MCLKOUT
AGND AVDD
DVDD
BUFFER
REFERENCE
DETECT
REFIN(–)
REFIN(+)
AD7732
24-BIT
Σ−∆ ADC
SERIAL
INTERFACE
CONTROL
LOGIC
CLOCK
GENERATOR
CALIBRATION
CIRCUITRY
I/O PORT
MUX
Figure 1.
The differential reference input features “No-Reference” detect
capability. The ADC also supports per channel system
calibration options. The digital serial interface can be
configured for 3-wire operation and is compatible with
microcontrollers and digital signal processors. All interface
inputs are Schmitt triggered.
The part is specified for operation over the extended industrial
temperature range of –40°C to +105°C.
Other parts in the AD7732 family are the AD7734 and
the AD7738.
The AD7734 is similar to AD7732, but its analog front end
features four single-ended input channels.
The AD7738 analog front end is configurable for four fully
differential or eight single-ended input channels, features
0.625 V to 2.5 V bipolar/unipolar input ranges, and accepts a
common-mode input voltage from 200 mV to AVDD – 300 mV.
The AD7738 multiplexer output is pinned out externally,
allowing the user to implement programmable gain or signal
conditioning before being applied to the ADC.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD7732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7732 AD-AD7732 Datasheet
434Kb / 33P
2-Channel 10 V Input Range, High Throughput
A
AD7732BRU AD-AD7732BRU Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRU AD-AD7732BRU Datasheet
434Kb / 33P
2-Channel 10 V Input Range, High Throughput
A
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ AD-AD7732BRUZ Datasheet
434Kb / 33P
2-Channel 10 V Input Range, High Throughput
A
More results

Similar Description - AD7732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7734 AD-AD7734 Datasheet
1Mb / 32P
4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
REV. 0
AD7739 AD-AD7739 Datasheet
380Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
B
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com