Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7732 Datasheet HTML 24Page - Analog Devices AD7732 Datasheet HTML 25Page - Analog Devices AD7732 Datasheet HTML 26Page - Analog Devices AD7732 Datasheet HTML 27Page - Analog Devices AD7732 Datasheet HTML 28Page - Analog Devices AD7732 Datasheet HTML 29Page - Analog Devices AD7732 Datasheet HTML 30Page - Analog Devices AD7732 Datasheet HTML 31Page - Analog Devices AD7732 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7732
Multiplexer, Conversion, and
Data Output Timing
The specified conversion time includes one or two settling and
sampling periods and a scaling time.
With chopping enabled (Figure 25), a conversion cycle starts
with a settling time of 43 MCLK cycles or 44 MCLK cycles (~7
µs with a 6.144 MHz MCLK) to allow the circuits following the
multiplexer to settle. The sigma-delta modulator then samples
the analog signals and the digital filter processes the digital data
stream. The sampling time depends on FW, i.e., on the channel
conversion time register contents. After another settling of 42
MCLK cycles (~6.8 µs), the sampling time is repeated with a
reversed (chopped) analog input signal. Then, during the
scaling time of 163 MCLK cycles (~26.5 µs), the two results
from the digital filter are averaged, scaled using the calibration
registers, and written into the channel data register.
With chopping disabled (Figure 26), there is only one sampling
time preceded by a settling time of 43 MCLK cycles or
44 MCLK cycles and followed by a scaling time of
163 MCLK cycles.
The RDY pin goes high during the scaling time, regardless of its
previous state. The relevant RDY bit is set in the ADC status
register and in the channel status register, and the RDY pin goes
low when the channel data register is updated and the channel
conversion cycle is finished. If in continuous conversion mode,
the part will automatically continue with a conversion cycle on
the next enabled channel.
Note that every channel can be configured independently for
conversion time and chopping mode. The overall cycle and
effective per channel data rates depend on all enabled
channel settings.
Sigma-Delta ADC
The AD7732 core consists of a charge balancing sigma-delta
modulator and a digital filter. The architecture is optimized for
fast, fully settled conversion. This allows for fast channel-to-
channel switching while maintaining inherently excellent
linearity, high resolution, and low noise.
– CHANNEL 1
SCALING
TIME
SAMPLING
TIME
+ CHANNEL 1
SAMPLING
TIME
SETTLING
TIME
MULTIPLEXER
– CHANNEL 0
RDY
SETTLING
TIME
CONVERSION TIME
Figure 25. Multiplexer and Conversion Timing—Continuous Conversion on Several Channels with Chopping Enabled
SCALING
TIME
CHANNEL 1
SAMPLING
TIME
MULTIPLEXER
CHANNEL 0
RDY
SETTLING
TIME
CONVERSION TIME
Figure 26. Multiplexer and Conversion Timing—Continuous Conversion on Several Channels with Chopping Disabled
Rev. 0 | Page 28 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com