Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7732 Datasheet HTML 22Page - Analog Devices AD7732 Datasheet HTML 23Page - Analog Devices AD7732 Datasheet HTML 24Page - Analog Devices AD7732 Datasheet HTML 25Page - Analog Devices AD7732 Datasheet HTML 26Page - Analog Devices AD7732 Datasheet HTML 27Page - Analog Devices AD7732 Datasheet HTML 28Page - Analog Devices AD7732 Datasheet HTML 29Page - Analog Devices AD7732 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD7732
CIRCUIT DESCRIPTION
The AD7732 is a sigma-delta ADC that is intended for the
measurement of wide dynamic range, low frequency signals in
industrial process control, instrumentation, and PLC systems.
It contains thin film resistor dividers, a multiplexer, an input
buffer, a sigma-delta (or charge balancing) ADC, a digital filter,
a clock oscillator, a digital I/O port, and a serial
communications interface.
Analog Front End
The AD7732 features two fully differential analog inputs. The
on-chip thin film resistor dividers allow ±10 V, ±5 V, 0 V to +10
V, and 0 V to +5 V input signals to be connected directly to the
analog input pins.
The resistor divider input stage is followed by the multiplexer
and then by a wide bandwidth, fast settling time differential
input buffer capable of driving the dynamic load of a high speed
sigma-delta modulator.
In normal circuit configuration, the BIAS pins are connected to
the 2.5 V (reference) voltage source. This ensures that the
differential signal seen by the internal input buffer is within its
absolute/common-mode range of AGND + 200 mV to
AVDD – 300 mV.
The AD7732 AIN differential voltage should be within the
specified nominal (up to ±10 V) input range, otherwise the
performance on channel might degrade (see the Analog Input’s
Extended Voltage Range section).
The AD7732 INL performance varies with the AIN common-
mode voltage (Figure 9). The differential analog input voltage of
±10 V with a common-mode voltage of 0 V means that the AIN
differential voltage is centered around AGND and both AIN(+)
and AIN(–) change within ±5 V respect to AGND. The AD7732
INL also varies with the MCLK frequency (Figure 7).
If the BIAS pins are in normal configuration, the AIN pin
absolute voltage up to ±16.5 V does not degrade the adjacent
channel’s performance. An AIN absolute voltage over ±16.5 V
results in current flowing through the internal protection
diodes located behind the thin film resistors; the adjacent
channel can be affected. By configuring the BIAS and RA to RD
pins differently, the part will work with higher AIN absolute
voltages as long as the internal voltage seen by the multiplexer
and input buffer is within 200 mV to AVDD – 300 mV. Absolute
voltage for the AIN, BIAS, and RA to RD pins must never
exceed the values specified in the Absolute Maximum Ratings.
Note that the OVR bit in the channel status register is generated
digitally from the conversion result and indicates the sigma-
delta modulator (nominal) overrange. The OVR bit DOES NOT
indicate exceeding the AIN pin absolute/common-mode
voltage limits.
Figure 23 shows the AD7732 analog input internal structure.
BIAS
AIN
1R
7R
108.5k
Ω
15.5k
Ω
AVDD
MUX
PROTECTION
DIODES
AGND
2.1875V ± 1.25V
2.5V
±10V
BUFFER
Figure 23. Simplified Analog Input Internal Structure
Rev. 0 | Page 26 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com