Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7732 Datasheet HTML 24Page - Analog Devices AD7732 Datasheet HTML 25Page - Analog Devices AD7732 Datasheet HTML 26Page - Analog Devices AD7732 Datasheet HTML 27Page - Analog Devices AD7732 Datasheet HTML 28Page - Analog Devices AD7732 Datasheet HTML 29Page - Analog Devices AD7732 Datasheet HTML 30Page - Analog Devices AD7732 Datasheet HTML 31Page - Analog Devices AD7732 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD7732
Rev. 0 | Page 31 of 32
+
10
µF
0.1
µF
+
10
µF
0.1
µF
ANALOG
INPUTS
R=15.5k
Ω
R
CLOCK
GENERATOR
MCLKIN
MCLKOUT
33pF
33pF
6.144MHz
AIN0(+)
BIAS0(+)
RA
RB
BIAS0(–)
RC
RD
±10V
DIFFERENTIAL
VOLTAGE
±10V
DIFFERENTIAL
VOLTAGE
(MAX ±16.5V
ABSOLUTE
VOLTAGE
TO AGND)
±11.5V COMMON-
MODE VOLTAGE
7R=108.5k
Ω
MUX
R
7R
7R
24-BIT
Σ-∆ ADC
BUFFER
DVDD
AIN0(–)
AIN1(+)
BIAS1(+)
REFIN(–)
REFIN(+)
AGND
10
µF
+
0.01
µF
+
10
µF
AD780
VOUT
+VIN
TEMP
+2.5V
AD7732
R
7R
SERIAL
INTERFACE
AND
CONTROL
LOGIC
SCLK
DIN
DOUT
CS
RDY
RESET
DGND
HOST
SYSTEM
AIN1(–)
BIAS1(–)
AVDD
AVDD
DVDD
DVDD
AVDD
Figure 29. Typical Connections for the AD7732 Application
High Common-Mode Voltage Application
Using additional thin film resistors on AIN0 and an external operational amplifier with a ±15 V power supply, the AD7732 AIN0 can
easily be configured to accept high common-mode voltages.
+15V
–15V
+
10
µF
0.1
µF
+
10
µF
0.1
µF
ANALOG
INPUTS
R=15.5k
Ω
2R
2R
2R
2R
CLOCK
GENERATOR
MCLKIN
MCLKOUT
33pF
33pF
6.144MHz
AIN0(+)
BIAS0(+)
RA
RB
BIAS0(–)
RC
RD
±10V
DIFFERENTIAL
VOLTAGE
(±42V ABSOLUTE
MAX VOLTAGE
TO AGND)
±37V COMMON-
MODE VOLTAGE
7R=108.5k
Ω
MUX
7R
24-BIT
Σ-∆ ADC
BUFFER
DVDD
AIN0(–)
REFIN(–)
REFIN(+)
AGND
10
µF
+
0.01
µF
+
10
µF
AD780
VOUT
+VIN
TEMP
+2.5V
AD7732
SERIAL
INTERFACE
AND
CONTROL
LOGIC
SCLK
DIN
DOUT
CS
RDY
RESET
DGND
HOST
SYSTEM
AVDD
AVDD
DVDD
DVDD
AVDD
Figure 30. High Common-Mode Voltage Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com