Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7732 Datasheet HTML 10Page - Analog Devices AD7732 Datasheet HTML 11Page - Analog Devices AD7732 Datasheet HTML 12Page - Analog Devices AD7732 Datasheet HTML 13Page - Analog Devices AD7732 Datasheet HTML 14Page - Analog Devices AD7732 Datasheet HTML 15Page - Analog Devices AD7732 Datasheet HTML 16Page - Analog Devices AD7732 Datasheet HTML 17Page - Analog Devices AD7732 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7732
Rev. 0 | Page 14 of 32
REGISTER DESCRIPTION
Table 11. Register Summary
Register
Addr
Dir
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(hex)
Default Value
Communications
00
W
0
R/W
6-Bit Register Address
I/O Port
01
R/W
P0
P1
P0 DIR
P1 DIR
RDYFN
0
0
SYNC
P0 Pin
P1 Pin
1
1
0
0
0
0
Revision
02
R
Chip Revision Code
Chip Generic Code
x
x
x
x
0
1
0
0
Test
03
R/W
24-Bit Manufacturing Test Register
ADC Status
04
R
–
–
–
–
–
RDY1
–
RDY0
0
0
0
0
0
0
0
0
Checksum
05
R/W
16-Bit Checksum Register
ADC Zero-Scale Calibration
06
R/W
24-Bit ADC Zero-Scale Calibration Register
800000h
ADC Full-Scale
07
R/W
24-Bit ADC Full-Scale Register
800000h
Channel Data1
08, 0A
R
16-/24-Bit Data Registers
8000h
Channel Zero-Scale Cal.1
10, 12
R/W
24-Bit Channel Zero-Scale Calibration Registers
800000h
Channel Full-Scale Cal.1
18, 1A
R/W
24-Bit Channel Full-Scale Calibration Registers
200000h
Channel Status1
20, 22
R
0
CH1
0
0/P0
RDY/P1
NOREF
SIGN
OVR
Channel Number
0
0
0
0
0
Channel Setup1
28, 2A
R/W
0
0
0
Stat OPT
ENABLE
0
RNG1
RNG0
0
0
0
0
0
0
0
0
Channel Conversion Time1
30, 32
R/W
CHOP
FW (7-Bit Filter Word)
1
11h
Mode2
38, 3A
R/W
MD2
MD1
MD0
CLKDIS
DUMP
Cont RD
24/16 BIT
CLAMP
0
0
0
0
0
0
0
0
1 Bit 1 in the communication register specifies the channel number of the register being accessed.
2 There is only one mode register, although the mode register can be accessed in one of two address locations. The address used to write the mode register specifies the
ADC channel on which the mode will be applied. Only address 38h must be used for reading from the mode register.
Table 12. Operational Mode Summary
MD2
MD1
MD0
Mode
0
0
0
Idle Mode
0
0
1
Continuous Conversion Mode
0
1
0
Single Conversion Mode
0
1
1
Power-Down (Standby) Mode
1
0
0
ADC Zero-Scale Self-Calibration
1
0
1
For Future Use
1
1
0
Channel Zero-Scale System Calibration
1
1
1
Channel Full-Scale System Calibration
Table 13. Input Range Summary
RNG1
RNG0
Nominal Input Voltage Range
0
0
±10 V
0
1
0 V to +10 V
1
0
±5 V
1
1
0 V to +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com