Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7732 Datasheet HTML 5Page - Analog Devices AD7732 Datasheet HTML 6Page - Analog Devices AD7732 Datasheet HTML 7Page - Analog Devices AD7732 Datasheet HTML 8Page - Analog Devices AD7732 Datasheet HTML 9Page - Analog Devices AD7732 Datasheet HTML 10Page - Analog Devices AD7732 Datasheet HTML 11Page - Analog Devices AD7732 Datasheet HTML 12Page - Analog Devices AD7732 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7732
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
FILTER WORD
16
17
18
19
20
21
22
23
24
25
1
2
3
45
6
7
89
10
CHOP = 1
Figure 5. No Missing Codes Performance, Chopping Enabled
FILTER WORD
16
17
18
19
20
21
22
23
24
25
1
2
3
45
6
7
89
10
CHOP = 0
Figure 6. No Missing Codes Performance, Chopping Disabled
MCLK FREQUENCY – MHz
0
5
10
15
01234
567
VCM = 0V
Figure 7. Typical INL vs. MCLK Frequency, ±10 V Differential Signal, AIN
Common-Mode Voltage = 0 V, BIAS(+) = BIAS(–) = 2.5 V
AIN DIFFERENTIAL VOLTAGE – V
0
10
20
30
40
50
60
–20
–15
–10
–50
510
15
20
MCLK = 6.144MHz
VCM = 0V
Figure 8. Typical INL vs. AIN Differential Voltage, AIN Common-Mode
Voltage = 0 V, MCLK = 6.144 MHz, BIAS(+) = BIAS(–) = 2.5 V
AIN COMMON-MODE VOLTAGE – V
0
10
20
30
40
50
60
–15
–10
–5
0
5
10
15
MCLK = 6.144MHz
Figure 9. Typical INL vs. AIN Common-Mode Voltage, ±10 V Differential
Signal, MCLK = 6.144 MHz, BIAS(+) = BIAS(–) = 2.5 V
MCLK FREQUENCY – MHz
0
5
10
15
20
01234
567
Figure 10. Typical Supply Current vs. MCLK Frequency,
Normal Operation, Converting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com