Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7732 Datasheet HTML 7Page - Analog Devices AD7732 Datasheet HTML 8Page - Analog Devices AD7732 Datasheet HTML 9Page - Analog Devices AD7732 Datasheet HTML 10Page - Analog Devices AD7732 Datasheet HTML 11Page - Analog Devices AD7732 Datasheet HTML 12Page - Analog Devices AD7732 Datasheet HTML 13Page - Analog Devices AD7732 Datasheet HTML 14Page - Analog Devices AD7732 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7732
Rev. 0 | Page 11 of 32
Chopping Disabled
The second mode, in which the AD7732 is configured with
chopping disabled (CHOP = 0), provides faster conversion time
while still maintaining high resolution. Table 7 to Table 9 show
the –3 dB frequencies and typical performance versus the
channel conversion time and equivalent output data rate,
respectively. Table 7 shows the typical output rms noise. Table 8
shows the typical effective resolution based on the rms noise.
Table 9 shows the typical output peak-to-peak resolution,
representing values for which there will be no code flicker
within a 6-sigma limit. The peak-to-peak resolutions are not
calculated based on rms noise but on peak-to-peak noise.
These typical numbers are generated from 4096 data samples
acquired in continuous conversion mode with an analog input
voltage set to 0 V and MCLK = 6.144 MHz. The conversion
time is selected via the channel conversion time register.
Table 7. Typical Output RMS Noise in µV vs. Conversion Time and Input Range with Chopping Disabled
FW
Conversion Time
Register
Conversion Time
(µs)
Output Data Rate
(Hz)
–3 dB Frequency
(Hz)
RMS Noise
(µV)
127
7Fh
1357
737
670
13.2
92
5Ch
992
1008
920
15.5
44
2Ch
492
2032
1850
22.7
35
23h
398
2511
2290
26.3
16
10h
200
4991
2500
39.0
8
08h
117
8545
7780
57.0
3
03h
65
15398
14000
132
Table 8. Typical Effective Resolution in Bits vs. Conversion Time and Input Range with Chopping Disabled
Input Range/Effective Resolution (Bits)
FW
Conversion Time
Register
Conversion Time
(µs)
Output Data Rate
(Hz)
–3 dB Frequency
(Hz)
±10 V
0 V to +10 V
±5 V
0 V to +5 V
127
7Fh
1357
737
670
20.5
19.5
19.5
18.5
92
5Ch
992
1008
920
20.3
19.3
19.3
18.3
44
2Ch
492
2032
1850
19.7
18.7
18.7
17.7
35
23h
398
2511
2290
19.5
18.5
18.5
17.5
16
10h
200
4991
2500
19.0
18.0
18.0
17.0
8
08h
117
8545
7780
18.4
17.4
17.4
16.4
3
03h
65
15398
14000
17.2
16.2
16.2
15.2
Table 9. Typical Peak-to-Peak Resolution in Bits vs. Conversion Time and Input Range with Chopping Disabled
Input Range/Peak-to-Peak Resolution (Bits)
FW
Conversion Time
Register
Conversion Time
(µs)
Output Data Rate
(Hz)
–3 dB Frequency
(Hz)
±10 V
0 V to +10 V
±5 V
0 V to +5 V
127
7Fh
1357
737
670
17.6
16.6
16.6
15.6
92
5Ch
992
1008
920
17.4
16.4
16.4
15.4
44
2Ch
492
2032
1850
16.8
15.8
15.8
14.8
35
23h
398
2511
2290
16.6
15.6
15.6
14.6
16
10h
200
4991
2500
16.1
15.1
15.1
14.1
8
08h
117
8545
7780
15.5
14.5
14.5
13.5
3
03h
65
15398
14000
14.3
13.3
13.3
12.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com