Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS6232-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
5
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
4.0
Power Management
The PWR_DWN# signal is an asynchronous, active-low
LVTTL input that places the device in a low power inac-
tive state without removing power from the device. All
internal clocks are turned off, and all clock outputs are
held low.
Since PWR_DWN# is asynchronous, the signal is syn-
chronized internally to each individual clock. As shown in
Figure 3, a falling-rising-falling edge sequence on any
individual clock output is required before that clock output
is disabled low. This edge sequence ensures that one
complete clock cycle will occur before the clock stops.
Table 9: Latency Table
LATENCY
SIGNAL
SIGNAL
STATE
MIN.
MAX.
Output:
2 clocks
3 clocks
0
Power
OFF
Device:
2
× REF
clocks
3
× REF clocks
PWR_
DWN#
1
Power
ON
3ms
Upon the release of PWR_DWN# (power-up), external
circuitry should allow a minimum of 3ms for the PLL to
lock before enabling any clocks.
Figure 3: PWR_DWN# Timing
Any Clock
(output)
PWR_DWN#
Any Clock
(internal)
VCO
Crystal
Oscillator
After REF
output shuts off...
3ms until clock is valid
Shaded regions in the Crystal Oscillator and VCO waveforms indicate that the clock is valid and the Crystal Oscillator and VCO are active.
5.0
Dual Function I/O Pins
Several pins on this device serve as dual function in-
put/output pins. During the initial application of VDD to
the device, this type of pin functions as an input pin.
Upon completion of power-up, the logic state present on
the pin is latched internally, and the pin is converted to an
output driver.
An external 10kΩ pull-down resistor to ground is required
for a logic low and a 10kΩ pull-up resistor to the clock
output VDD is required for a logic high. The 10kΩ resistor
presents an insignificant load to the output driver that
should not affect the output clock.
Note that the latching of the logic state occurs only on the
application of the chip supply voltage (VDD). The logic
state on the pin is not latched if the PWR_DWN# signal is
used to power-down the device with VDD still applied.
Figure 4: I/O Pin Programming
Clock Trace
Termination
Resistor
Device Solder
Pads
Ground or
Power Via
10k
Ω
Programming
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com