Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
12
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
7.0
Package Information
Table 18: 56-pin SSOP (0.300") Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.095
0.110
2.41
2.79
A1
0.008
0.016
0.20
0.41
b
0.008
0.0135
0.20
0.34
c
0.005
0.010
0.13
0.25
D
0.720
0.730
18.29
18.54
E
0.395
0.420
10.03
10.67
E1
0.291
0.299
7.39
7.59
e
0.025 BSC
0.64 BSC
h
0.015
0.025
0.38
0.64
L
0.020
0.040
0.51
1.01
θ
0
°
8
°
0
°
8
°
E
E
1
56
1
AMERICAN MICROSYSTEMS, INC.
b
D
A
1
SEATING PLANE
A
e
c
L
θ
h × 45°
Table 19: 56-pin SSOP (0.300") Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
ΘJA
Air flow = 0 m/s
73
°C/W
Longest trace + wire
6.41
Lead Inductance, Self
L11
Shortest trace + wire
2.49
nH
Longest trace + wire to first adjacent trace
3.65
L12
Shortest trace + wire to first adjacent trace
1.35
Longest trace + wire to next adjacent trace
2.50
Lead Inductance, Mutual
L13
Shortest trace + wire to next adjacent trace
0.90
nH
Longest trace + wire to VSS
0.94
Lead Capacitance, Bulk
C11
Shortest trace + wire to VSS
0.50
pF
Longest trace + wire to first adjacent trace
0.48
C12
Shortest trace + wire to first adjacent trace
0.20
Longest trace + wire to next adjacent trace
0.07
Lead Capacitance, Mutual
C13
Shortest trace + wire to next adjacent trace
0.02
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com