Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
8
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 13: DC Electrical Specifications, continued
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σfrom typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
HOST_P1:4, HOST_N1:4 Clock Outputs (Type X1 Clock Driver)
Crossover Voltage
VX
RS = 33.2
Ω, RP = 49.9Ω,
RIREF = 475
Ω, IOH = 6 × IREF
45
55
%VOH
VO = 0.65V, RIREF = 475
Ω, IOH = 6 × IREF
12.9
High-Level Output Source Current
IOH
VO = 0.74V, RIREF = 475
Ω, IOH = 6 × IREF
14.9
mA
VDD = 3.3V, over settings in Table 7
-7
+7
Output Source Current Tolerance
∆IOH
VDD_I = 3.3V±5%, over settings in Table 7
-12
+12
%IOH
Output Impedance
zOH
∆VO/∆IO, where VO1 = 1.0V, VO2 = VSS,
RIREF = 475
Ω, IOH = 6 × IREF
3000
Ω
Tristate Output Current
IOZ
-10
10
µA
REF_0 / ISEL_0, REF_1 / ISEL_1 Clock Driver I/O, (Type 3)
CK48_0 / SEL_A, CK48_1 / SEL_B Clock Driver I/O (Type 3)
High-Level Input Voltage
VIH
2.0
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
High-Level Input Current
IIH
5
µA
Low-Level Input Current (pull-up)
IIL
VIL = 0.4V
-9
µA
High Level Output Source Current
IOH
VDD_R, VDD_48 = 3.465V, VO = 2.4V
-32
mA
Low Level Output Sink Current
IOL
VDD_R, VDD_48 = 3.465V, VO = 0.4V
13
mA
zOL
Measured at 1.65V, output driving low
20
60
Output Impedance
zOH
Measured at 1.65V, output driving high
20
60
Ω
Tristate Output Current
IOZ
-10
10
µA
Short Circuit Output Source Current
IOSH
VO = 0V; shorted for 30s, max.
-41
mA
Short Circuit Output Sink Current
IOSL
VO = 3.3V; shorted for 30s, max.
40
mA
Figure 5: DC Measurement Diagram
V
IH = 2.0V
V
IL = 0.8V
V
OL = 0.4V
V
OH = 2.4V
V
DD = 3.3V
Figure 6: AC Measurement Diagram
1.5V
2.4V
0.4V
d
t
t
r
t
f
3.3V
Figure 7: HOST Clock VX Crossover Point
HOST_P
HOST_N
V
X
Figure 8: HOST Clock Test Circuit
R
P
R
S
Test node
From output
under test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com