Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
11
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 16: MCLK_P, MCLK_N, PCI_0:9, CK66_0:3 Clock Outputs
High Drive Current (mA)
Low Drive Current (mA)
Voltage
(V)
MIN.
TYP.
MAX.
Voltage
(V)
MIN.
TYP.
MAX.
0
0
0
0
0
-49
-83
-132
0.2
11
17
24
0.2
-48
-83
-131
0.4
21
32
45
0.4
-48
-82
-130
0.6
30
45
64
0.6
-47
-81
-129
0.8
37
56
79
0.8
-47
-80
-127
1.0
43
65
92
1.0
-46
-79
-126
1.2
47
73
103
1.2
-46
-78
-124
1.4
50
78
112
1.4
-45
-76
-121
1.6
53
82
117
1.6
-43
-74
-117
1.8
54
84
120
1.8
-41
-70
-112
2.0
55
85
121
2.0
-37
-65
-105
2.2
55
85
122
2.2
-33
-59
-97
2.4
55
86
123
2.4
-28
-52
-87
2.6
56
86
123
2.6
-22
-43
-74
2.8
56
86
124
2.8
-14
-32
-60
3.0
56
87
124
3.0
-6
-20
-45
3.2
87
124
3.2
-7
-27
3.4
125
3.4
-7
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
00.511.522.533.5
Output Voltage (V)
30Ω
50Ω
90Ω
Data in this table represents nominal characterization data only
Table 17: REF_0:1, CK48_0:1 Clock Outputs
High Drive Current (mA)
Low Drive Current (mA)
Voltage
(V)
MIN.
TYP.
MAX.
Voltage
(V)
MIN.
TYP.
MAX.
0
0
0
0
0
-38
-64
-102
0.2
8
13
18
0.2
-37
-64
-101
0.4
15
24
33
0.4
-37
-63
-100
0.6
223347
0.6
-37
-63
-99
0.8
274158
0.8
-36
-62
-98
1.0
314868
1.0
-36
-61
-97
1.2
355376
1.2
-35
-60
-95
1.4
375782
1.4
-34
-59
-93
1.6
396086
1.6
-33
-57
-90
1.8
396188
1.8
-31
-54
-87
2.0
406289
2.0
-29
-50
-81
2.2
406390
2.2
-25
-46
-75
2.4
416390
2.4
-21
-40
-67
2.6
416390
2.6
-17
-33
-57
2.8
416391
2.8
-11
-25
-47
3.0
416491
3.0
-5
-16
-34
3.2
64
91
3.2
-6
-21
3.4
91
3.4
-5
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
00.511.5
22.5
33.5
Output Voltage (V)
30Ω
50Ω
90Ω
Data in this table represents nominal characterization data only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com