Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
9
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 14: AC Timing Specifications
Unless otherwise stated, all power supplies = 3.3V, no load on any output, and ambient temperature TA = 25°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data and
are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σfrom typical. Spread spectrum modulation is disabled except for Rise/Fall time measurements.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Spread Spectrum Modulation
Frequency *
fm
SS_EN# low
31.5
kHz
Spread Spectrum Modulation
Index *
δm
SS_EN# low
-0.5
%
Clock Offset
tpd
CK66 leads @ 1.5V, CL=30pF to PCI @ 1.5V,
CL = 30pF (measured on rising edges)
1.5
3.5
ns
Output Tristate Enable Delay *
tDZL, tDZH
SEL_A:B = 00, SEL133/100# = 0
1.0
10
ns
Output Tristate Disable Delay *
tDLZ, tDHZ
SEL_A:B = 11, SEL133/100# = 0
1.0
10
ns
Power-up PLL Lock Time
tL
via PWR_DWN#
3.0
ms
HOST_P1:4, HOST_N1:4 Clock Outputs
Clock Skew *
tsk(o)
HOST pair to HOST pair @ VX, RIREF = 475
Ω,
IOH = 6
× IREF, RS = 33.2Ω, RP = 49.9Ω
150
ps
Duty Cycle *
dt
Ratio of high pulse width to one clock period at VX,
RIREF = 475
Ω, IOH = 6 × IREF, RS=33.2Ω, RP=49.9Ω
45
55
%
Jitter, Period (peak-peak) *
tj(∆P)
Rising edge to rising edge at VX, RIREF = 475
Ω,
IOH = 6
× IREF RS = 33.2Ω, RP = 49.9Ω
200
ps
Rise Time *
tr
Measured at 20% – 80% of VOH; RIREF = 475
Ω,
IOH = 6
× IREF RS = 33.2Ω, RP = 49.9Ω
175
450
ps
Rise/Fall Time Matching*
Measured at 20% – 80% of VOH; RIREF = 475
Ω,
IOH = 6
× IREF RS = 33.2Ω, RP = 49.9Ω
20
%
MREF_P, MREF_N Clock Outputs
Duty Cycle *
dt
Ratio of high pulse width to one clock period,
measured at 1.5V
45
55
%
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to rising edge at 1.5V, CL=30pF
250
ps
tr min
Measured @ 0.4V – 2.4V; CL=10pF
0.4
Rise Time *
tr max
Measured @ 0.4V – 2.4V; CL=30pF
1.6
ns
tf min
Measured @ 2.4V – 0.4V; CL=10pF
0.4
Fall Time *
tf max
Measured @ 2.4V – 0.4V; CL=30pF
1.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com