Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
7
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 12: DC Electrical Specifications
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σfrom typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
fHOST=133MHz; VDD=3.465V, RIREF=475
Ω, IOH=6IREF
260
Supply Current, Dynamic, with Loaded
Outputs
IDD
fHOST=100MHz; VDD=3.465V, RIREF=475
Ω, IOH=6IREF
250
mA
Supply Current, Static
IDDs
PWR_DWN# low, all supplies = 3.465V,
RIREF= 475
Ω, IOH = 6 × IREF
µA
Digital Inputs (PWR_DWN#, SEL133/100#, SS_EN#)
High-Level Input Voltage
VIH
2.0
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
Input Leakage Current
IIL
-5
+5
µA
Crystal Oscillator Feedback (XIN)
Threshold Bias Voltage
VTH
1.5
V
High-Level Input Current
IIH
VIH = 3.3V
32
µA
Low-Level Input Current
IIL
VIL = 0V
-32
µA
Crystal Loading Capacitance *
CL(xtal)
As seen by an external crystal connected to
XIN and XOUT
13.5
18
22.5
pF
Input Loading Capacitance *
CL(XIN)
As seen by an external clock driver on
XOUT; XIN unconnected
36
pF
Crystal Oscillator Drive (XOUT)
High Level Output Source Current
IOH
VI (XIN) = 3.3V, VO = 0V
-8.0
mA
Low Level Output Sink Current
IOL
VI (XIN) = 0V, VO = 3.3V
8.7
mA
Current Reference (IREF)
Bias Voltage
VOH
no load
1.1
V
Short Circuit Output Source Current
IOH
VO = 0V
mA
MREF_P, MREF_N, CK66_0:3, PCI_0:9 Clock Outputs (Type 5 Clock Driver)
IOH min
VDD_M, VDD_66, VDD_P = 3.135V,
VO = 1.0V
-33
High Level Output Source Current
IOH max
VDD_M, VDD_66, VDD_P = 3.465V,
VO = 3.135V
-33
mA
IOL min
VDD_M, VDD_66, VDD_P = 3.135V,
VO = 1.95V
30
Low Level Output Sink Current
IOL max
VDD_M, VDD_66, VDD_P = 3.465V,
VO = 0.4V
38
mA
zOL
Measured at 1.65V, output driving low
12
55
Output Impedance
zOH
Measured at 1.65V, output driving high
12
55
Ω
Tristate Output Current
IOZ
-10
10
µA
Short Circuit Output Source Current
IOSH
VO = 0V; shorted for 30s, max.
-51
mA
Short Circuit Output Sink Current
IOSL
VO = 3.3V; shorted for 30s, max.
62
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com