Electronic Components Datasheet Search
  English  ▼

X  

FS6232-01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FS6232-01
Description  TWO WAY MP MOTHERBOARD CLOCK GENERATOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6232-01 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FS6232-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6232-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AMERICAN MICROSYSTEMS, INC.
September 2000
9.18.00
10
FS6232-01
FS6232-01
FS6232-01
FS6232-01
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
Two-Way MP Motherboard Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
Table 15: AC Timing Specifications, continued
Unless otherwise stated, all power supplies = 3.3V, no load on any output, and ambient temperature TA = 25°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data and
are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σfrom typical. Spread spectrum modulation is disabled except for Rise/Fall time measurements.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
PCI_0:9 Clock Outputs
Duty Cycle *
dt
Ratio of high pulse width to one clock period,
measured at 1.5V
45
55
%
Clock Skew *
tsk(o)
One clock output relative to another at 1.5V
500
ps
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to rising edge at 1.5V, CL = 30pF
500
ps
tr min
Measured at 0.4V – 2.4V; CL = 10pF
0.5
Rise Time *
tr max
Measured at 0.4V – 2.4V; CL = 30pF
2.0
ns
tf min
Measured at 2.4V – 0.4V; CL = 10pF
0.5
Fall Time *
tf max
Measured at 2.4V – 0.4V; CL = 30pF
2.0
ns
CK66_0:3 Clock Outputs
Duty Cycle *
dt
Ratio of high pulse width to one clock period,
measured at 1.5V
45
55
%
Clock Skew *
tsk(o)
One clock output relative to another at 1.5V
250
ps
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to rising edge at 1.5V, CL = 30pF
300
ps
tr min
Measured at 0.4V – 2.4V; CL = 10pF
0.5
Rise Time *
tr max
Measured at 0.4V – 2.4V; CL = 30pF
2.0
ns
tf min
Measured at 2.4V – 0.4V; CL = 10pF
0.5
Fall Time *
tf max
Measured at 2.4V – 0.4V; CL = 30pF
2.0
ns
REF_0:1 Clock Outputs
Duty Cycle *
dt
Ratio of high pulse width to one clock period,
measured at 1.5V
45
55
%
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to rising edge at 1.5V, CL = 20pF
1000
ps
tr min
Measured at 0.4V – 2.4V; CL = 10pF
1.0
Rise Time *
tr max
Measured at 0.4V – 2.4V; CL = 20pF
4.0
ns
tf min
Measured at 2.4V – 0.4V; CL = 10pF
1.0
Fall Time *
tf max
Measured at 2.4V – 0.4V; CL = 20pF
4.0
ns
CK48_0:1 Clock Outputs
Duty Cycle *
dt
Ratio of high pulse width to one clock period,
measured at 1.5V
45
55
%
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to rising edge at 1.5V, CL = 20pF
350
ps
tr min
Measured at 0.4V – 2.4V; CL = 10pF
1.0
Rise Time *
tr max
Measured at 0.4V – 2.4V; CL = 20pF
4.0
ns
tf min
Measured at 2.4V – 0.4V; CL = 10pF
1.0
Fall Time *
tf max
Measured at 2.4V – 0.4V; CL = 20pF
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com