Electronic Components Datasheet Search
  English  ▼

X  

AD7674ASTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 4Page - Analog Devices AD7674ASTZ Datasheet HTML 5Page - Analog Devices AD7674ASTZ Datasheet HTML 6Page - Analog Devices AD7674ASTZ Datasheet HTML 7Page - Analog Devices AD7674ASTZ Datasheet HTML 8Page - Analog Devices AD7674ASTZ Datasheet HTML 9Page - Analog Devices AD7674ASTZ Datasheet HTML 10Page - Analog Devices AD7674ASTZ Datasheet HTML 11Page - Analog Devices AD7674ASTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD7674
Rev. B | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5. AD7674 Absolute Maximum Ratings
Parameter
Rating
Analog Inputs
IN+1, IN−1, REF, REFBUFIN, REFGND
to AGND
AGND − 0.3 V to
AVDD + 0.3 V
Ground Voltage Differences
AGND, DGND, OGND
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD
−0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD
±7 V
DVDD to OVDD
−0.3 V to +7 V
Digital Inputs
−0.3 V to DVDD + 0.3 V
Internal Power Dissipation2
700 mW
Internal Power Dissipation3
2.5 W
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1
See the Analog Inputs section.
2
Specification is for device in free air: 48-Lead LQFP: θJA = 91°C/W,
θJC = 30°C/W.
3
Specification is for device in free air: 48-Lead LFCSP: θJA = 26°C/W.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
TO OUTPUT
PIN
CL
60pF1
500
µA
IOH
1.6mA
IOL
1.4V
IN SERIAL INTERFACE MODES,THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE,THE LOAD IS 60pF MAXIMUM.
NOTE
1
03083–0–002
Figure 2. Load Circuit for Digital Interface Timing, SDOUT, SYNC, SCLK
Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
t
DELAY
2V
0.8V
t
DELAY
03083–0–003
Figure 3. Voltage Reference Levels for Timing
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com