Electronic Components Datasheet Search
  English  ▼

X  

AD7674ASTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 16Page - Analog Devices AD7674ASTZ Datasheet HTML 17Page - Analog Devices AD7674ASTZ Datasheet HTML 18Page - Analog Devices AD7674ASTZ Datasheet HTML 19Page - Analog Devices AD7674ASTZ Datasheet HTML 20Page - Analog Devices AD7674ASTZ Datasheet HTML 21Page - Analog Devices AD7674ASTZ Datasheet HTML 22Page - Analog Devices AD7674ASTZ Datasheet HTML 23Page - Analog Devices AD7674ASTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
AD7674
Rev. B | Page 19 of 28
For instance, for a driver with an equivalent input noise of
2 nV/√Hz (for example, the AD8021) configured as a buffer,
thus with a noise gain of +1, the SNR degrades by only 0.34 dB
with the filter in Figure 28, and by 1.8 dB without it.
•
The driver needs to have a THD performance suitable to
that of the AD7674.
The AD8021 meets these requirements and is usually appropriate
for almost all applications. The AD8021 needs a 10 pF external
compensation capacitor, which should have good linearity as an
NPO ceramic or mica type.
The AD8022 can be used if a dual version is needed and gain of
1 is present. The AD829 is an alternative in applications where
high frequency (above 100 kHz) performance is not required. In
gain of 1 applications, it requires an 82 pF compensation capacitor.
The AD8610 is another option when low bias current is needed
in low frequency applications.
Single-to-Differential Driver
For applications using unipolar analog signals, a single-ended-
to-differential driver allows for a differential input into the device.
The schematic is shown in Figure 32. When provided an input
signal of 0 to VREF, this configuration produces a differential
±VREF with midscale at VREF/2.
If the application can tolerate more noise, the AD8138
differential driver can be used.
U2
8.25k
Ω
2.5V
AD8021
590
Ω
AD7674
IN+
IN– REF
U1
ANALOG INPUT
(UNIPOLAR
0V TO 4.096V)
10pF
AD8021
590
Ω
10pF
10
µF
100nF
1.82k
Ω
2.7nF
15
Ω
2.7nF
15
Ω
REFBUFIN
03083-0-031
Figure 32. Single-Ended-to-Differential Driver Circuit
(Internal Reference Buffer Used)
Voltage Reference
The AD7674 allows the use of an external voltage reference
either with or without the internal reference buffer.
Using the internal reference buffer is recommended when
sharing a common reference voltage between multiple ADCs is
desired.
However, the advantages of using the external reference voltage
directly are:
•
The SNR and dynamic range improvement (about 1.7 dB)
resulting from the use of a reference voltage very close to
the supply (5 V) instead of a typical 4.096 V reference
when the internal buffer is used.
•
The power saving when the internal reference buffer is
powered down (PDBUF High)
To use the internal reference buffer, PDBUF should be LOW. A
2.5 V reference voltage applied on the REFBUFIN input results
in a 4.096 V reference on the REF pin.
In both cases, the voltage reference input REF has a dynamic
input impedance and therefore requires an efficient decoupling
between REF and REFGND inputs, The decoupling consists of
a low ESR 47 µF tantalum capacitor connected to the REF and
REFGND inputs with minimum parasitic inductance.
Care should also be taken with the reference temperature
coefficient of the voltage reference, which directly affects the
full-scale accuracy if this parameter matters. For instance, a
±4 ppm/°C temperature coefficient of the reference changes the
full scale by ±1 LSB/°C.
Power Supply
The AD7674 uses three sets of power supply pins: an analog 5 V
supply (AVDD), a digital 5 V core supply (DVDD), and a digital
output interface supply (OVDD). The OVDD supply defines
the output logic level and allows direct interface with any logic
working between 2.7 V and DVDD + 0.3 V. To reduce the
number of supplies needed, the digital core (DVDD) can be
supplied through a simple RC filter from the analog supply, as
shown in Figure 28. The AD7674 is independent of power
supply sequencing once OVDD does not exceed DVDD by
more than 0.3 V, and is therefore free from supply voltage
induced latch-up. Additionally, it is very insensitive to power
supply variations over a wide frequency range, as shown in
Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com