Electronic Components Datasheet Search
  English  ▼

X  

AD7674ASTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 5Page - Analog Devices AD7674ASTZ Datasheet HTML 6Page - Analog Devices AD7674ASTZ Datasheet HTML 7Page - Analog Devices AD7674ASTZ Datasheet HTML 8Page - Analog Devices AD7674ASTZ Datasheet HTML 9Page - Analog Devices AD7674ASTZ Datasheet HTML 10Page - Analog Devices AD7674ASTZ Datasheet HTML 11Page - Analog Devices AD7674ASTZ Datasheet HTML 12Page - Analog Devices AD7674ASTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7674
Data Sheet
Rev. B | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46 45 44 43 42
41 40 39
38 37
35
CNVST
34
PD
33
RESET
30
DGND
31
RD
32
CS
36
AGND
29
BUSY
28
D17
27
D16
25
D14
26
D15
2
AVDD
3
MODE0
4
MODE1
7
IMPULSE
6
WARP
5
D0/OB/2C
1
AGND
8
D1/A0
9
D2/A1
10
D3
12
D5/DIVSCLK[1]
11
D4/DIVSCLK[0]
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. DNC = DO NOT CONNECT.
13 14 15 16 17 18 19 20 21 22 23 24
AD7674
(Not to Scale)
TOP VIEW
Figure 4. 48-Lead LQFP Pin Configuration
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. DNC = DO NOT CONNECT.
3. THE EXPOSED PAD IS INTERNALLY CONNECTED TO AGND. THIS
CONNECTION IS NOT REQUIRED TO MEET THE ELECTRICAL PERFORMANCES.
HOWEVER, FOR INCREASED RELIABILITY OF THE SOLDER JOINTS, IT IS
RECOMMENDED THAT THE PAD BE SOLDERED TO THE ANALOG GROUND OF
THE SYSTEM.
1
2
3
AGND
CNVST
PD
4
RESET
5
CS
6
RD
7
DGND
AD7674
TOP VIEW
(Not to Scale)
25
D5/DIVSCLK[1]
26
D4/DIVSCLK[0]
27
D3
28
D2/A1
29
D1/A0
30
IMPULSE
31
WARP
32
D0/OB/2C
33
MODE1
34
MODE0
35
AVDD
36
AGND
8
BUSY
9
D17
10
D16
11
D15
12
D14
Figure 5. 48-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 44
AGND
P
Analog Power Ground Pin.
2, 47
AVDD
P
Input Analog Power Pins. Nominally 5 V.
3
MODE0
DI
Data Output Interface Mode Selection.
4
MODE1
DI
Data Output Interface Mode Selection:
Interface Mode No.
MODE1
MODE0
Description
0
0
0
18-bit interface
1
0
1
16-bit interface
2
1
0
Byte interface
3
1
1
Serial interface
5
D0/OB/2C
DI/O
In Mode 0, 18-bit interface mode, this pin is Bit 0 of the parallel port data output bus and the data
coding is straight binary. In all other modes, this pin allows a choice of straight binary/binary twos
complement. When OB/2C is high, the digital output is straight binary; when low, the MSB is inverted,
resulting in a twos complement output from its internal shift register.
6
WARP
DI
Conversion Mode Selection. When this input is high and the IMPULSE pin is low, WARP selects the
fastest mode, the maximum throughput is achievable, and a minimum conversion rate must be
applied to guarantee full specified accuracy. When low, full accuracy is maintained independent of
the minimum conversion rate.
7
IMPULSE
DI
Conversion Mode Selection. When this input is high and the WARP pin is low, IMPULSE selects a
reduced power mode. In this mode, the power dissipation is approximately proportional to the
sampling rate. When the WARP pin and the IMPULSE pin are low, the normal mode is selected.
8
D1/A0
DI/O
In Mode 0, 18-bit interface mode, this pin is Bit 1 of the parallel port data output bus. In all other
modes, this input pin controls the form in which data is output, as shown in Table 7.
9
D2/A1
DI/O
In Mode 0, 18-bit interface mode, or Mode 1, 16-bit interface mode, this pin is Bit 2 of the parallel port data
output bus. In all other modes, this input pin controls the form in which data is output, as shown in Table 7.
10
D3
DO
In all modes except Mode 3, this output is used as Bit 3 of the parallel port data output bus. This pin is
always an output, regardless of the interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com