Electronic Components Datasheet Search
  English  ▼

X  

AD7674ASTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 18Page - Analog Devices AD7674ASTZ Datasheet HTML 19Page - Analog Devices AD7674ASTZ Datasheet HTML 20Page - Analog Devices AD7674ASTZ Datasheet HTML 21Page - Analog Devices AD7674ASTZ Datasheet HTML 22Page - Analog Devices AD7674ASTZ Datasheet HTML 23Page - Analog Devices AD7674ASTZ Datasheet HTML 24Page - Analog Devices AD7674ASTZ Datasheet HTML 25Page - Analog Devices AD7674ASTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
AD7674
Rev. B | Page 21 of 28
t9
RESET
DATA
BUS
BUSY
CNVST
t8
03083-0-035
Figure 36. RESET Timing
CNVST
BUSY
DATA
BUS
CS = RD = 0
PREVIOUS CONVERSION DATA
NEW DATA
t1
t10
t4
t3
t11
03083-0-036
Figure 37. Master Parallel Data Timing for Reading (Continuous Read)
PARALLEL INTERFACE
The AD7674 is configured to use the parallel interface with an
18-bit, a 16-bit, or an 8-bit bus width, according to Table 7. The
data can be read either after each conversion, which is during
the next acquisition phase, or during the following conversion,
as shown in Figure 38 and Figure 39, respectively. When the
data is read during the conversion, however, it is recommended
that it is read only during the first half of the conversion phase.
This avoids any potential feedthrough between voltage transients
on the digital interface and the most critical analog conversion
circuitry. Refer to Table 7 for a detailed description of the
different options available.
DATA
BUS
t12
t13
BUSY
CS
RD
CURRENT
CONVERSION
03083-0-037
Figure 38. Slave Parallel Data Timing for Reading (Read After Convert)
CS = 0
CNVST,
RD
t1
PREVIOUS
CONVERSION
DATA
BUS
t12
t13
BUSY
t4
t3
03083-0-038
Figure 39. Slave Parallel Data Timing for Reading (Read During Convert)
CS
RD
A0, A1
PINS D[15:8]
PINS D[7:0]
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
LOW BYTE
HIGH BYTE
HI-Z
HI-Z
t12
t12
t13
03083-0-039
Figure 40. 8-Bit and 16-Bit Parallel Interface
SERIAL INTERFACE
The AD7674 is configured to use the serial interface when MODE0
and MODE1 are held high. The AD7674 outputs 18 bits of data,
MSB first, on the SDOUT pin. This data is synchronized with
the 18 clock pulses provided on the SCLK pin. The output data
is valid on both the rising and falling edge of the data clock.
MASTER SERIAL INTERFACE
Internal Clock
The AD7674 is configured to generate and provide the serial
data clock SCLK when the EXT/INT pin is held low. The AD7674
also generates a SYNC signal to indicate to the host when the
serial data is valid. The serial clock SCLK and the SYNC signal
can be inverted if desired. Depending on the RDC/SDIN input,
the data can be read after each conversion or during the following
conversion. Figure 41 and Figure 42 show the detailed timing
diagrams of these two modes.
Usually, because the AD7674 is used with a fast throughput, the
master read during conversion mode is the most recommended
serial mode.
In read during conversion mode, the serial clock and data
toggle at appropriate instants, minimizing potential feedthrough
between digital activity and critical conversion decisions.
In read after conversion mode, note that unlike in other modes,
the BUSY signal returns low after the 18 data bits are pulsed out
and not at the end of the conversion phase, which results in a
longer BUSY width. To accommodate slow digital hosts, the
serial clock can be slowed down by using DIVSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com