Electronic Components Datasheet Search
  English  ▼

X  

AD7674ASTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 10Page - Analog Devices AD7674ASTZ Datasheet HTML 11Page - Analog Devices AD7674ASTZ Datasheet HTML 12Page - Analog Devices AD7674ASTZ Datasheet HTML 13Page - Analog Devices AD7674ASTZ Datasheet HTML 14Page - Analog Devices AD7674ASTZ Datasheet HTML 15Page - Analog Devices AD7674ASTZ Datasheet HTML 16Page - Analog Devices AD7674ASTZ Datasheet HTML 17Page - Analog Devices AD7674ASTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
AD7674
Rev. B | Page 13 of 28
POSITIVE DNL (LSB)
120
0
100
60
20
0
40
80
0.5
1.0
1.5
03083-0-011
2.0
Figure 12. Typical Positive DNL Distribution (424 Units)
FREQUENCY (kHz)
0
0
50
100
400
–40
–60
–100
–180
–80
–120
03083-0-012
–140
–20
–160
150
200
250
300
350
fS = 800kSPS
fIN = 10kHz
VREF = 4.096V
SNR = 98.4dB
THD = 119.1dB
SFDR = 120.4dB
SINAD = 98.4dB
Figure 13. FFT (10 kHz Tone)
FREQUENCY (kHz)
0
0
50
100
400
–40
–60
–100
–180
–80
–120
03083-0-013
–140
–20
–160
150
200
250
300
350
fS = 800kSPS
fIN = 100kHz
VREF = 4.096V
SNR = 98.8dB
THD = 104.3dB
SFDR = 104.9dB
SINAD = 97.8dB
Figure 14. FFT (100 kHz Tone)
NEGATIVE DNL (LSB)
250
–2.0
200
150
50
0
–1.5
–1.0
–0.5
03083-0-014
100
0
Figure 15. Typical Negative DNL Distribution (424 Units)
FREQUENCY (kHz)
102
1
99
90
78
75
84
96
10
100
1000
03083-0-015
93
81
87
ENOB
SINAD
SNR
16.0
16.5
15.0
15.5
14.0
14.5
13.5
Figure 16. SNR, SINAD, and ENOB vs. Frequency
FREQUENCY (kHz)
–60
1
–70
–100
–130
–120
–80
10
100
1000
03083-0-016
–90
–110
THD
THIRD
HARMONIC
SFDR
140
60
20
40
0
120
80
100
SECOND
HARMONIC
Figure 17. THD, SFDR, and Harmonics vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com