Electronic Components Datasheet Search
  English  ▼

X  

AD7674ASTZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7674ASTZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7674ASTZ Datasheet HTML 13Page - Analog Devices AD7674ASTZ Datasheet HTML 14Page - Analog Devices AD7674ASTZ Datasheet HTML 15Page - Analog Devices AD7674ASTZ Datasheet HTML 16Page - Analog Devices AD7674ASTZ Datasheet HTML 17Page - Analog Devices AD7674ASTZ Datasheet HTML 18Page - Analog Devices AD7674ASTZ Datasheet HTML 19Page - Analog Devices AD7674ASTZ Datasheet HTML 20Page - Analog Devices AD7674ASTZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD7674
Data Sheet
Rev. B | Page 16 of 28
CIRCUIT INFORMATION
IN+
REF
REFGND
IN–
MSB
4C
2C
C
C
LSB
SW+
SWITCHES
CONTROL
262,144C 131,072C
MSB
4C
2C
C
C
LSB
SW–
BUSY
OUTPUT
CODE
CNVST
CONTROL
LOGIC
COMP
262,144C 131,072C
03083–0–025
Figure 26. ADC Simplified Schematic
The AD7674 is a very fast, low power, single-supply, precise
18-bit analog-to-digital converter (ADC) using successive
approximation architecture.
The linearity and dynamic range of the AD7674 are similar
to or better than many ∑-Δ ADCs. With the advantages of its
successive architecture, which ease multiplexing and reduce
power with throughput, it can be advantageous in applications
that normally use ∑-Δ ADCs.
The AD7674 features different modes to optimize performance
according to the applications. In warp mode, the AD7674 is
capable of converting 800,000 samples per second (800 kSPS).
The AD7674 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any
pipeline or latency, making it ideal for multiple multiplexed
channel applications.
The AD7674 can be operated from a single 5 V supply and can
be interfaced to either 5 V or 3 V digital logic. It is housed in a
48-lead LQFP, or a tiny 48-lead LFCSP that offers space savings
and allows for flexible configurations as either a serial or
parallel interface. The AD7674 is a pin-to-pin compatible
upgrade of the AD7676, AD7678, and AD7679.
CONVERTER OPERATION
The AD7674 is a successive approximation ADC based on a
charge redistribution DAC. Figure 26 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 18 binary weighted capacitors that are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to AGND via SW+ and
SW−. All independent switches are connected to the analog
inputs. Thus, the capacitor arrays are used as sampling capacitors
and acquire the analog signal on the IN+ and IN− inputs. When
the acquisition phase is complete and the CNVST input goes
low, a conversion phase is initiated. When the conversion phase
begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the REFGND input. Therefore, the differential voltage between
the IN+ and IN– inputs captured at the end of the acquisition
phase is applied to the comparator inputs, causing the comparator
to become unbalanced. By switching each element of the capacitor
array between REFGND and REF, the comparator input varies by
binary weighted voltage steps (VREF/2, VREF/4, ... VREF/262144). The
control logic toggles these switches, starting with the MSB first,
to bring the comparator back into a balanced condition. After
completing this process, the control logic generates the ADC
output code and brings the BUSY output low.
Modes of Operation
The AD7674 features three modes of operation: warp, normal,
and impulse. Each mode is more suited for specific applications.
Warp mode allows conversion rates up to 800 kSPS. However,
in this mode and this mode only, the full specified accuracy is
guaranteed only when the time between conversions does not
exceed 1 ms. If the time between two consecutive conversions is
longer than 1 ms (for example, after power-up), the first conversion
result should be ignored. This mode makes the AD7674 ideal
for applications where a fast sample rate is required.
Normal mode is the fastest mode (666 kSPS) without any
limitation on the time between conversions. This mode makes
the AD7674 ideal for asynchronous applications such as data
acquisition systems, where both high accuracy and fast sample
rate are required.
Impulse mode, the lowest power dissipation mode, allows power
saving between conversions. The maximum throughput in this
mode is 570 kSPS. When operating at 1 kSPS, for example, it
typically consumes only 136 μW. This feature makes the
AD7674 ideal for battery-powered applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com