Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7732
Description  2-Channel 10 V Input Range, High Throughput
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 4 Page - Analog Devices

  AD7732 Datasheet HTML 1Page - Analog Devices AD7732 Datasheet HTML 2Page - Analog Devices AD7732 Datasheet HTML 3Page - Analog Devices AD7732 Datasheet HTML 4Page - Analog Devices AD7732 Datasheet HTML 5Page - Analog Devices AD7732 Datasheet HTML 6Page - Analog Devices AD7732 Datasheet HTML 7Page - Analog Devices AD7732 Datasheet HTML 8Page - Analog Devices AD7732 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD7732
Rev. A | Page 3 of 32
AD7732—SPECIFICATIONS
Table 1. (–40°C to +105°C; AVDD = 5 V ± 5%; DVDD = 2.7 V to 3.6 V, or 5 V ± 5%; BIAS (all), REFIN(+) = 2.5 V;
REFIN(–) = AGND; RA, RB, RC, RD open circuit; AIN Range = ±10 V; fMCLKIN = 6.144 MHz; unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC PERFORMANCE
CHOPPING ENABLED
Conversion Time Rate
372
12190
Hz
Configure via Conv. Time Register
No Missing Codes1, 2
24
Bits
FW ≥ 6 (Conversion Time ≥ 165 μs)
Output Noise
See Table 4
Resolution
See Table 5
and Table 6
Integral Nonlinearity (INL) 1, 2, 3
±0.0003
±0.0015
% of FSR
fMCLKIN = 2.5 MHz, VCM = 0 V
Integral Nonlinearity (INL) 2, 3
±0.0010
±0.0030
% of FSR
fMCLKIN = 6.144 MHz, VCM = 0 V
Offset Error (Unipolar, Bipolar)4
±13
mV
Before Calibration
Offset Drift vs. Temperature1
±2.5
μV/°C
Gain Error3
±0.7
%
Before Calibration
Gain Drift vs. Temperature1
±3.2
ppm of FS/°C
Positive Full-Scale Error4
±0.7
% of FSR
Before Calibration
Positive Full-Scale Drift vs. Temp.1
±3
ppm of FS/°C
Bipolar Negative Full-Scale Error5
±0.0060
% of FSR
After Calibration
Common-Mode Rejection
50
65
dB
At DC
Power Supply Sensitivity
±4
±10
LSB16
At DC, AIN = 7 V, AVDD = 5 V ± 5%
Channel-to-Channel Isolation
110
dB
At DC, Maximum ±16.5 V AIN Voltage
ADC PERFORMANCE
CHOPPING DISABLED
Conversion Time Rate
737
15437
Hz
Configure via Conv. Time Register
No Missing Codes1, 2
24
Bits
FW ≥ 8 (Conversion Time ≥ 117 μs)
Output Noise
See Table 7
Resolution
See Table 8
and Table 9
Integral Nonlinearity (INL) 2, 3
±0.0015
% of FSR
Offset Error (Unipolar, Bipolar)6
±10
mV
Before Calibration
Offset Drift vs. Temperature
±25
μV/°C
Gain Error4
±0.5
%
Before Calibration
Gain Drift vs. Temperature
±5.3
ppm of FS/°C
Positive Full-Scale Error4
±0.5
% of FSR
Before Calibration
Positive Full-Scale Drift vs. Temp.
±4
ppm of FS/°C
Bipolar Negative Full-Scale Error5
±0.0060
% of FSR
After Calibration
Common-Mode Rejection
55
dB
At DC
Power Supply Sensitivity
±4
LSB16
At DC, AIN = 7 V, AVDD = 5 V ± 5%
Channel-to-Channel Isolation
110
dB
At DC, Maximum ±16.5 V AIN Voltage
ANALOG INPUTS
Analog Input Differential Voltage7
±10 V Range
±10
V
0 V to +10 V Range
0 to +10
V
±5 V Range
±5
V
0 V to +5 V Range
0 to +5
V
AIN Absolute Voltage1, 2, 8
–16.5
+16.5
V
BIAS Voltage1
0
2.5
AVDD
V
RA, RB, RC, RD Voltage1
–10.5
+20
V
AIN Impedance1, 9
100
124
kΩ
AIN Pin Impedance1, 9
87.5
108.5
kΩ
BIAS Pin Impedance1, 9
12.5
15.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com