Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7732
Description  2-Channel 10 V Input Range, High Throughput
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7732 Datasheet HTML 13Page - Analog Devices AD7732 Datasheet HTML 14Page - Analog Devices AD7732 Datasheet HTML 15Page - Analog Devices AD7732 Datasheet HTML 16Page - Analog Devices AD7732 Datasheet HTML 17Page - Analog Devices AD7732 Datasheet HTML 18Page - Analog Devices AD7732 Datasheet HTML 19Page - Analog Devices AD7732 Datasheet HTML 20Page - Analog Devices AD7732 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD7732
Rev. A | Page 16 of 32
I/O Port Register
8 Bits, Read/Write Register, Address 01h, Default Value 30h + Digital Input Value × 40h
The bits in this register are used to configure and access the digital I/O port on the AD7732.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
P0
P1
P0 DIR
P1 DIR
RDYFN
0
0
SYNC
Default
P0 Pin
P1 Pin
1
1
0
0
0
0
Bit
Mnemonic
Description
7, 6
P0, P1
When the P0 and P1 pins are configured as outputs, the P0 and P1 bits determine the pins’ output level. When
the P0 and P1 pins are configured as inputs, the P0 and P1 bits reflect the current input level on the pins.
5, 4
P0 DIR, P1 DIR
These bits determine whether the P0 and P1 pins are configured as inputs or outputs. When set to 1, the
corresponding pin will be an input; when reset to 0, the corresponding pin will be an output.
3
RDYFN
This bit is used to control the function of the RDY pin on the AD7732. When this bit is reset to 0, the RDY pin
goes low when any channel has unread data. When this bit is set to 1, the RDY pin will only go low if all
enabled channels have unread data.
2, 1
0
These bits must be 0 for proper operation.
0
SYNC
This bit enables the SYNC pin function. By default, this bit is 0 and SYNC/P1 can be used as a digital I/O pin.
When the SYNC bit is set to 1, the SYNC pin can be used to synchronize the AD7732 modulator and digital
filter with other devices in the system.
Revision Register
8 Bits, Read-Only Register, Address 02h, Default Value 04h + Chip Revision × 10h
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
Chip Revision Code
Chip Generic Code
Default
x
x
x
x
0
1
0
0
Bit
Mnemonic
Description
7–4
Chip Revision Code
4-Bit Factory Chip Revision Code
3–0
Chip Generic Code
On the AD7732, these bits will read back as 04h.
Test Register
24 Bits, Read/Write Register, Address 03h
This register is used for testing the part in the manufacturing process. The user must not change the default configuration of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com