Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7732
Description  2-Channel 10 V Input Range, High Throughput
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7732 Datasheet HTML 25Page - Analog Devices AD7732 Datasheet HTML 26Page - Analog Devices AD7732 Datasheet HTML 27Page - Analog Devices AD7732 Datasheet HTML 28Page - Analog Devices AD7732 Datasheet HTML 29Page - Analog Devices AD7732 Datasheet HTML 30Page - Analog Devices AD7732 Datasheet HTML 31Page - Analog Devices AD7732 Datasheet HTML 32Page - Analog Devices AD7732 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
AD7732
Rev. A | Page 32 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AE
28
15
14
1
8°
0°
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 31. 28-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-28)
Dimensions shown in millimeters
Ordering Guide
Model1
Temperature Range
Package Description
Package Option
AD7732BRU
–40°C to +105°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD7732BRUZ
–40°C to +105°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD7732BRUZ-REEL
–40°C to +105°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
AD7732BRUZ-REEL7
–40°C to +105°C
28-Lead Thin Shrink Small Outline Package [TSSOP]
RU-28
EVAL-AD7732EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2003–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
D03070-0-6/11(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com