Electronic Components Datasheet Search
  English  ▼

X  

AD7732 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7732
Description  2-Channel 10 V Input Range, High Throughput
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7732 Datasheet HTML 5Page - Analog Devices AD7732 Datasheet HTML 6Page - Analog Devices AD7732 Datasheet HTML 7Page - Analog Devices AD7732 Datasheet HTML 8Page - Analog Devices AD7732 Datasheet HTML 9Page - Analog Devices AD7732 Datasheet HTML 10Page - Analog Devices AD7732 Datasheet HTML 11Page - Analog Devices AD7732 Datasheet HTML 12Page - Analog Devices AD7732 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD7732
Rev. A | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C, unless otherwise noted.
Parameter
Rating
AVDD to AGND, DVDD to DGND
–0.3 V to +7 V
AGND to DGND
–0.3 V to +0.3 V
AVDD to DVDD
–5 V to +5 V
AIN to AGND
–50 V to +50 V
RA, RB, RC, RD to AGND
–11 V to +25 V
BIAS to AGND
–0.3 V to AVDD + 0.3 V
REFIN+, REFIN– to AGND
–0.3 V to AVDD + 0.3 V
P0, P1 Voltage to AGND
–0.3 V to AVDD + 0.3 V
P0, P1 Current (TMAX = 70°C)
8 mA
P0, P1 Current (TMAX = 85°C)
5 mA
P0, P1 Current (TMAX = 105°C)
2.5 mA
Digital Input Voltage to DGND
–0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
–0.3 V to DVDD + 0.3 V
Operating Temperature Range
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
TSSOP Package, Power Dissipation
660 mW
θ
JA
Thermal Impedance
97.9°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com