Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 7 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 7 Page - Sames

Back Button SA4301ASAR Datasheet HTML 3Page - Sames SA4301ASAR Datasheet HTML 4Page - Sames SA4301ASAR Datasheet HTML 5Page - Sames SA4301ASAR Datasheet HTML 6Page - Sames SA4301ASAR Datasheet HTML 7Page - Sames SA4301ASAR Datasheet HTML 8Page - Sames SA4301ASAR Datasheet HTML 9Page - Sames SA4301ASAR Datasheet HTML 10Page - Sames SA4301ASAR Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SPEC-1538 (REV. 7)
7/23
29-09-2017
SA4301A
FUNCTIONAL DESCRIPTION
Theory of Operation
The SA4301A includes all the required functions for three
channel polyphase power and energy measurement. Three
pairs of identical AD converters sample the three phase
voltage and current input signals. The three pairs of digital
signals, accurately representing the voltage and current
inputs, are multiplied using digital multiplication. The output
of each multiplier represents the instantaneous power on
each channel, which is subsequently low pass filtered and
integrated
over
time
to
remove
the
instantaneous
components. The three channels are added together using
the programmable adder, forming the total averaged
instantaneous energy. This energy is accumulated over time
to form the outputs of the device.
For given voltage and current signals the instantaneous
power is calculated by:
����(����) = ����(����) × ����(����)
����(����) = �������� cos(�������� + ����) × �������� cos(�������� + ����)
Let
���� = ���� − ����, and ���������������� =
��������
√2
and
���������������� =
��������
√2
then
����(����) = �������� cos(�������� + ����) × �������� cos(�������� + ���� − ����)
����(����) = ��������������������������������(cos ���� + cos(2(�������� + ����) − ����))
where
p(t) is the instantaneous power,
v(t) is the instantaneous voltage signal,
i(t) is the instantaneous current signal,
VM is the amplitude of the voltage signal,
IM is the amplitude of the current signal,
is the phase angle of the voltage signal and
is the phase angle of the current signal.
The instantaneous power is low pass filtered to remove the
double mains frequency component cos(2(
t+)-) and is
then integrated over time to provide the average power
information
���� =
1
����
∫ ����(����)��������
����
0
���� = �������������������������������� cos ����
where
P is the average power and
cos
is the power factor.
Linearity
The SA4301A is a CMOS integrated circuit, which performs
power/energy calculations across a dynamic range of 500:1
to an accuracy that exceeds the IEC62053 specification.
Analog Inputs
The input circuitry of the current and voltage sensor inputs is
illustrated in Figure 5. These inputs are protected against
electrostatic
discharge
through
clamping
diodes.
The
feedback loops from the outputs of the amplifiers AI and AV
generate virtual short circuits between IIP and IIN as well as
IVP and AGND. The current sense inputs (IIP and IIN) are
identical and balanced. The AD converters convert the
signals on the voltage and current sense inputs to a digital
format for further processing. All internal offsets are
eliminated
through
the
use
of
various
cancellation
techniques.
Figure 5: Analog input configuration
Digital Outputs
The calculations required for power and energy are
performed and converted to pulses on the LED, MON and
MOP outputs. The complimentary output pins MON and MOP
are provided for driving a stepper motor counter directly. The
output frequency on the LED output is, in both STANDARD
and FAST mode, proportional to the average active power
consumption measured. The FAST mode is intended for fast
meter calibration and verification purposes or for interfacing
the SA4301A to a microcontroller.
Anti-Creep Threshold
An integrated anti-creep function prevents any output pulses
from a specific channel from appearing on the LED output
and the MON/MOP motor drive outputs if the energy
measured on that channel is less than 0.005% of EMAX, where
EMAX is the energy registered on that channel when the input
currents for voltage and current are 16µARMS with zero phase
shift.
A
I
IIN
IIP
VDD
VSS
VDD
VSS
A
V
IVP
VDD
VSS
AGND
VOLTAGE
SENSOR
INPUT
CURRENT
SENSOR
INPUT
CURRENT
CHANNEL
ADC
VOLTAGE
CHANNEL
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com