Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 4 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 4 Page - Sames

  SA4301ASAR Datasheet HTML 1Page - Sames SA4301ASAR Datasheet HTML 2Page - Sames SA4301ASAR Datasheet HTML 3Page - Sames SA4301ASAR Datasheet HTML 4Page - Sames SA4301ASAR Datasheet HTML 5Page - Sames SA4301ASAR Datasheet HTML 6Page - Sames SA4301ASAR Datasheet HTML 7Page - Sames SA4301ASAR Datasheet HTML 8Page - Sames SA4301ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SPEC-1538 (REV. 7)
4/23
29-09-2017
SA4301A
PIN DESCRIPTION
Designation
Pin No.
Description
AGND
20
Analog Ground. This is the reference pin for the current and voltage signal sensing
networks. The supply voltage to this pin should be mid-way between VDD and VSS.
VDD
6
Positive Supply Voltage. The voltage to this pin should be +2.5V ± 10% with respect to
AGND.
VSS
18
Negative Supply Voltage. The voltage to this pin should be -2.5V ± 10% with respect to
AGND.
IVP1, IVP2,
IVP3
21, 24, 3
Analog Inputs for Voltages. The maximum current into the voltage sense inputs IVP should
be set at 16µARMS. The voltage sense inputs saturate at an input current of ±25µA peak.
IIP1, IIN1, IIP2,
IIN2, IIP3, IIN3
22, 23, 1, 2,
4, 5
Analog Inputs for Currents. The maximum current into the current sense inputs IIP/IIN
should be set at 16µARMS. The current sense inputs saturate at an input current of ±25µA
peak.
VREF
19
This pin provides the connection for the reference current setting resistor. A 47k
 resistor
connected to VSS sets the optimum operating conditions.
RA, RB
7, 8
Rated Condition Select inputs. These four state input pins are used for selecting between
the different rated condition configurations. The RA input is also used for channel selection
when the device is placed in single phase calibration mode. Refer to the Rated Condition
Select and Mode Select sections.
FMS
17
Fast Mode Select input. This three state input is used to select between STANDARD and
FAST mode and provides an extended selection of meter constants. Refer to the Rated
Condition Select and Fast Mode Select sections.
MS
9
Mode Select input. This four state input is used to select the mode of the programmable
adder. Refer to the Mode Select section.
PH/DIR
13
Phase and Direction output. This output together with PH1, PH2 and PH3 indicates the
energy flow direction and phase voltage information.
PH1, PH2, PH3
14, 15, 16
Multiplexed outputs used together with the PH/DIR output to indicate energy flow direction
and phase voltage information.
LED
10
Calibration LED output. Refer to the Rated Condition Select section for the pulse rate output
options.
MON, MOP
11, 12
Motor pulse outputs. These outputs can drive an electro-mechanical counter directly. Refer
to the Rated Condition Select section for the pulse rate output options.
Figure 3: Pin connections
ORDERING INFORMATION
Part Number
Package
SA4301ASAR
SOIC24 (RoHS compliant)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
IIP2
IIN2
IVP3
IIP3
IIN3
VDD
RA
RB
IVP2
IIN1
IVP1
VREF
VSS
FMS
9
10
16
15
MS
LED
PH3
PH2
IIP1
AGND
11
12
14
13
MON
MOP
PH1
PH/DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com