Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 13 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 13 Page - Sames

Back Button SA4301ASAR Datasheet HTML 9Page - Sames SA4301ASAR Datasheet HTML 10Page - Sames SA4301ASAR Datasheet HTML 11Page - Sames SA4301ASAR Datasheet HTML 12Page - Sames SA4301ASAR Datasheet HTML 13Page - Sames SA4301ASAR Datasheet HTML 14Page - Sames SA4301ASAR Datasheet HTML 15Page - Sames SA4301ASAR Datasheet HTML 16Page - Sames SA4301ASAR Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SPEC-1538 (REV. 7)
13/23
29-09-2017
SA4301A
In STANDARD mode the nominal LED output frequency is
����������������_������������ =
����������������_����������������
��������_������������
…(4)
where
fLED_FAST is the FAST mode output frequency as per Equation
3 and
DF_LED is the LED divider selected by RA, RB and FMS
according to Table 2.
The timing values given below are based on the nominal
frequency value of the internal oscillator.
tL = 1/fLED_FAST in FAST mode (fLED_FAST as per Equation 3)
= 1/fLED_STD in STANDARD mode (fLED_STD as per
Equation 4)
tLP = 91.5ms when tL > 183ms in STANDARD mode
= tL/2 when tL < 183ms in STANDARD mode
= 70μs in FAST mode
Figure 9: LED pulse output waveform
Motor Pulse Output (MON, MOP)
The MON and MOP pins are complimentary outputs with a
frequency
proportional
to
the
average
active
power
consumption measured. These active high outputs can be
used to either directly drive a stepper motor counter or an
electro-mechanical impulse counter. The Rated Condition
Select inputs (RA, RB) as well as the Fast Mode Select input
(FMS) allow the selection of different output frequencies
corresponding to different meter constants. Figure 10
indicates the timing of these signals.
The nominal output frequency of each motor output is given
by:
���������������� =
����������������_������������
��������_��������
where
…(5)
fLED_STD is the output frequency of the LED output in
STANDARD mode as per Equation 4 and
DF_MO is the motor divider selected by RA, RB and FMS
according to Table 2.
When connecting a stepper motor counter between MON and
MOP the output pulse rate is effectively doubled because the
pulses on both MON and MOP contribute to incrementing the
counter.
The timing values given below are based on the nominal
frequency value of the internal oscillator.
tM
= 1/fMOT (fMOT as per Equation 5)
tMP
= 220ms when tM > 440ms
= tM/2 when tM < 440ms
tMS
= tM/2
tMSP = tMS-tMP when tM > 440ms
= 7.8μs when tM < 440ms
Figure 10: Motor pulse output waveform
Phase Direction Output (PH/DIR)
The PH/DIR output enables either direction or missing phase
information on the multiplexed LED driver outputs (PH1, PH2
and PH3). This output pin switches between logic 0 and logic
1 at a frequency of approximately 110Hz. A logic 0 enables
energy direction information and a logic 1 enables missing
phase information on the LED driver outputs. The PH/DIR
output is used in conjunction with the individual LED driver
outputs to display information concerning each individual
channel as illustrated in Figure 11. It is also used in
conjunction with the RA, RB and MS inputs to set up the
SA4301A.
LED Drivers (PH1, PH2, PH3)
When used in conjunction with the PH/DIR signal the LED
driver outputs will indicate individual channel energy direction
and individual channel missing phase conditions as follows:
PH/DIR = 1 (Voltage fail / phase sequence error): When
PH/DIR is high (logic 1) the individual channel voltage
information is available on the PH1, PH2 and PH3 pins. A
logic 1 on any of these pins indicates the corresponding
channels voltage is missing. This is based on the SA4301A
not detecting a sufficiently large input current amplitude
(approximately 1µARMS) on the specific voltage sense input.
The outputs will be set to logic 0 when the input current on
the corresponding channel is larger than approximately
1µARMS thereby indicating that the corresponding phase
voltage is present. Referring to Figure 11, the voltage LED for
a specific channel will be activated when the phase voltage is
present and de-activated when the phase voltage is missing.
A power-on reset at start-up will set the voltage fail indication
for all channels to high (logic 1). Each missing phase LED will
therefore be de-activated until a valid phase voltage is
detected. In the case of a phase sequence error all three
t
LP
t
L
t
MP
t
MS
t
M
t
MSP
MON
MOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com