Electronic Components Datasheet Search
  English  ▼

X  

SA4301ASAR Datasheet(PDF) 3 Page - Sames

Part # SA4301ASAR
Description  Polyphase Energy Metering IC with Pulse Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA4301ASAR Datasheet(HTML) 3 Page - Sames

  SA4301ASAR Datasheet HTML 1Page - Sames SA4301ASAR Datasheet HTML 2Page - Sames SA4301ASAR Datasheet HTML 3Page - Sames SA4301ASAR Datasheet HTML 4Page - Sames SA4301ASAR Datasheet HTML 5Page - Sames SA4301ASAR Datasheet HTML 6Page - Sames SA4301ASAR Datasheet HTML 7Page - Sames SA4301ASAR Datasheet HTML 8Page - Sames SA4301ASAR Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SPEC-1538 (REV. 7)
3/23
29-09-2017
SA4301A
ELECTRICAL CHARACTERISTICS (continued)
(VDD - VSS = 5V ± 10%, over the temperature range -40°C to +85°C, unless otherwise specified. Refer to Figure 2
“Test circuit for
electrical characteristics”.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
On-chip Voltage Reference
Reference Voltage
VR
1.15
1.20
1.25
V
Reference Current
-IR
24.4
25.5
26.6
μA
With R = 47k
 connected
to VSS
Temperature Coefficient
TCR
10
70
ppm/ºC
On-chip Oscillator
Oscillator Frequency
fOSC
3.15
3.57
4.00
MHz
Temperature Coefficient
TCOSC
70
200
ppm/ºC
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD - VSS
6
V
Current on any Pin
IPIN
-150
150
mA
Storage Temperature
TSTG
-60
+125
ºC
Specified Operating Temperature Range
TO
-40
+85
ºC
Limit Range of Operating Temperature
Tlimit
-40
+85
ºC
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Figure 2: Test circuit for electrical characteristics
SA4301A
R6
R4
R1
0.2A
to 100A
50Hz AC
Phase 1
220V
50Hz AC
Phase 1
IIN1
IIP1
VREF
VSS
RA
RB
MS
VSS
MON
MOP
LED
VDD
VDD
R11
R10
+
-
+
-
GND
GND
VDD
VSS
GND
R1:
1.2
R2:
1.2
R3:
1.5k
R4:
1.5k
R5:
1.5k
R6:
1.5k
R7:
250k
R8:
1k
R9:
100k
R10: 47k
R11: 1k
CT1: TZ76V (2500:1)
P1:
1k
C1:
22nF
C2:
22nF
C3:
5.6nF
C4:
220nF
C5:
220nF
C6:
1µF
CT1
PH3
2.5V
DC
2.5V
DC
VDD
VSS
C4
C5
C6
Phase angle
between voltage
and current
-60 to 60
GND
IVP1
N
N
Three Phase Source
PH2
PH1
PH/DIR
FMS
AGND
R3
R5
C2
C1
R2
IIN2
IIP2
Same as IIP1 / IIN1
Input Network
0.2A
to 100A
50Hz AC
Phase 2
IIN3
IIP3
Same as IIP1 / IIN1
Input Network
0.2A
to 100A
50Hz AC
Phase 3
R9
C3
GND
GND
R7
R8
P1
220V
50Hz AC
Phase 2
N
220V
50Hz AC
Phase 3
N
Same as IVP1
Input Network
IVP2
Same as IVP1
Input Network
IVP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com